Electronic Components Datasheet Search |
|
LP2985-20YEUR Datasheet(PDF) 8 Page - Texas Instruments |
|
LP2985-20YEUR Datasheet(HTML) 8 Page - Texas Instruments |
8 / 15 page LP2985LV 150mA LOW NOISE, LOW DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V SLVS552 − OCTOBER 2004 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified virtual junction temperature range, VIN = VOUT (nominal) + 1 V, VON/OFF = 2 V, CIN =1mF, IL = 1 mA, COUT = 4.7 mF (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS TJ LP2985A−XX LP2985−XX UNIT PARAMETER TEST CONDITIONS TJ MIN TYP MAX MIN TYP MAX UNIT Vn Output noise (RMS) BW = 300 Hz to 50 kHz, COUT = 10 µF, CBYPASS = 10 nF, VOUT = 1.8 V 25 °C 30 30 µV nVOUT/nVIN Ripple rejection f = 1kHz, COUT = 10 µF, CBYPASS = 10 nF 25 °C 45 45 dB IOUT(PK) Peak output current VOUT ≥ VO(NOM) − 5% 25 °C 350 350 mA IOUT(SC) Short circuit current RL = 0 (steady state) (see Note 7) 25 °C 400 400 mA NOTE 7: See Typical Characteristics Curve, Short-Circuit Current vs. VOUT |
Similar Part No. - LP2985-20YEUR |
|
Similar Description - LP2985-20YEUR |