Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XD010-51S-D4F Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # XD010-51S-D4F
Description  902-928 MHz Class A/AB 15W Power Amplifier Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

XD010-51S-D4F Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  XD010-51S-D4F Datasheet HTML 1Page - SIRENZA MICRODEVICES XD010-51S-D4F Datasheet HTML 2Page - SIRENZA MICRODEVICES XD010-51S-D4F Datasheet HTML 3Page - SIRENZA MICRODEVICES XD010-51S-D4F Datasheet HTML 4Page - SIRENZA MICRODEVICES XD010-51S-D4F Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
XD010-51S-D4F 902-928 MHz 15W Power Amp Module
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
3
EDS-105061 Rev C
Typical Performance Curves
2 Tone Gain, Efficiency, Linearity and IRL vs Frequency
Vdd=28V, Pout=10W PEP, Delta F=1 MHz
0
5
10
15
20
25
30
35
40
45
50
880
890
900
910
920
930
940
950
Frequency (MHz)
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
Gain
Efficiency
IM3
IM5
IM7
IRL
2 Tone Gain, Efficiency, Linearity vs Pout
Vdd=28V, Freq=915 MHz, Delta F=1 MHz
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
10
12
14
16
Pout (W PEP)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
Gain
Efficiency
IM3
IM5
IM7
CW Gain, Efficiency, IRL vs Frequency Vdd=28V, Pout=10W
25
27.5
30
32.5
35
37.5
40
880
890
900
910
920
930
940
950
Frequency (MHz)
-30
-27.5
-25
-22.5
-20
-17.5
-15
Gain
Efficiency
IRL
CW Gain, Efficiency vs Pout
Vdd=28V, Freq=915 MHz
30.5
30.75
31
31.25
31.5
31.75
32
32.25
32.5
0
2
4
6
8
1012
1416
Pout (W)
0
10
20
30
40
50
60
Gain
Efficiency


Similar Part No. - XD010-51S-D4F

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
XD010-51S-D4F SIRENZA-XD010-51S-D4F Datasheet
140Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
XD010-51S-D4FY SIRENZA-XD010-51S-D4FY Datasheet
140Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
XD010-51S-D4F SIRENZA-XD010-51S-D4F_1 Datasheet
140Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
More results

Similar Description - XD010-51S-D4F

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
XD010-51S-D4F SIRENZA-XD010-51S-D4F_1 Datasheet
140Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
XD010-14S-D4F SIRENZA-XD010-14S-D4F Datasheet
210Kb / 5P
   925-960 MHz Class A/AB 15W Power Amplifier Module
XD010-12S-D4F SIRENZA-XD010-12S-D4F Datasheet
224Kb / 6P
   869-894 MHz Class AB 15W Power Amplifier Module
logo
Tyco Electronics
AND-C-108 MACOM-AND-C-108 Datasheet
95Kb / 2P
   902-928 MHz Dipole Antenna
logo
SIRENZA MICRODEVICES
XD010-22S-D2F SIRENZA-XD010-22S-D2F Datasheet
215Kb / 5P
   1805-1880 MHz Class A/AB 12W Power Amplifier Module
logo
Skyworks Solutions Inc.
SE2442L SKYWORKS-SE2442L Datasheet
895Kb / 13P
   902 to 928 MHz High-Power RF Front-End Module
logo
SIRENZA MICRODEVICES
SDM-09120 SIRENZA-SDM-09120 Datasheet
200Kb / 5P
   925-960 MHz Class AB 130W Power Amplifier Module
SDM-09120 SIRENZA-SDM-09120_1 Datasheet
91Kb / 5P
   925-960 MHz Class AB 130W Power Amplifier Module
XD010-04S-D4F SIRENZA-XD010-04S-D4F Datasheet
209Kb / 5P
   350-600 MHz Class AB 10W Power Amplifier Module
SDM-09060-B1F SIRENZA-SDM-09060-B1F_1 Datasheet
117Kb / 5P
   925-960 MHz Class AB 65W Power Amplifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com