Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F543DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F543DB
Description  Octal registered transceiver, non-inverting 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F543DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F543DB Datasheet HTML 3Page - NXP Semiconductors 74F543DB Datasheet HTML 4Page - NXP Semiconductors 74F543DB Datasheet HTML 5Page - NXP Semiconductors 74F543DB Datasheet HTML 6Page - NXP Semiconductors 74F543DB Datasheet HTML 7Page - NXP Semiconductors 74F543DB Datasheet HTML 8Page - NXP Semiconductors 74F543DB Datasheet HTML 9Page - NXP Semiconductors 74F543DB Datasheet HTML 10Page - NXP Semiconductors 74F543DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
74F543, 74F544
Octal registered transceivers
1994 Dec 5
7
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
A0 - A7,
VCC = MIN
IOH = -3mA
"10%VCC
2.4
V
VOH
High-level output voltage
A0 - A7
VCC = MIN
VIL = MAX
IOH = -3mA
"5%VCC
2.7
3.4
V
VOH
High-level out ut voltage
B0 - B7,
VIL = MAX
VIH = MIN
IOH = -15mA
"10%VCC
2.0
V
B0 - B7
VIH
MIN
IOH = -15mA
"5%VCC
2.0
V
A0 - A7,
VCC = MIN
IOL = 24mA
"10%VCC
0.35
0.50
V
VOL
Low-level output voltage
A0 - A7
VCC = MIN
VIL = MAX
IOL = 24mA
"5%VCC
0.35
0.50
V
VOL
Low-level out ut voltage
B0 - B7,
VIL = MAX
VIH = MIN
IOL = 64mA
"10%VCC
0.55
V
B0 - B7
VIH
MIN
IOL = 64mA
"5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum
OEAB, OEBA, EAB
VCC = MAX, VI = 7.0 V
100
µA
II
input voltage
Others
VCC = 5.5, VI = 5.5V
1
mA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
Others
–0.6
mA
IIL
Low-level input current
EAB,
EBA
VCC = MAX, VI = 0.5V
–1.2
mA
IOZH + IIH
Off-state output current, high-level voltage applied
VCC= MAX, VO = 2.7V
70
µA
IOZH + IIL
Off-state output current, Low-level voltage applied
VCC= MAX, VO = 0. 5V
–600
µA
IOS
Short-circuit output current3
A0 - A7,
A0 - A7
VCC = MAX
–60
–150
mA
IOS
Short-circuit out ut current3
B0 - B7,
B0 - B7
VCC = MAX
–100
–225
mA
ICCH
70
105
mA
74F543
ICCL
VCC = MAX
95
135
mA
ICC
Supply current (total)
ICCZ
95
135
mA
ICC
Su
ly current (total)
ICCH
80
110
mA
74F544
ICCL
VCC = MAX
105
140
mA
ICCZ
100
135
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under the recommended operating conditions for the applicable
type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


Similar Part No. - 74F543DB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543 Datasheet
67Kb / 7P
   Octal Registered Transceiver
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
logo
Fairchild Semiconductor
74F543MSA FAIRCHILD-74F543MSA Datasheet
67Kb / 7P
   Octal Registered Transceiver
74F543MSA FAIRCHILD-74F543MSA Datasheet
78Kb / 7P
   Octal Registered Transceiver
74F543PC FAIRCHILD-74F543PC Datasheet
78Kb / 7P
   Octal Registered Transceiver
More results

Similar Description - 74F543DB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F543 MOTOROLA-MC74F543 Datasheet
79Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, NON-INVERTING, 3-STATE
logo
NXP Semiconductors
74ABT2953 PHILIPS-74ABT2953 Datasheet
73Kb / 6P
   Octal registered transceiver, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
logo
NXP Semiconductors
74F2952 PHILIPS-74F2952 Datasheet
142Kb / 14P
   Registered transceiver, non-inverting 3-State
1989 Sep 22
74LVC544A PHILIPS-74LVC544A Datasheet
90Kb / 10P
   Octal D-type registered transceiver, inverting 3-State
1998 Jul 29
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
Texas Instruments
CD54-74AC623 TI-CD54-74AC623 Datasheet
487Kb / 12P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
logo
STMicroelectronics
M54HC620 STMICROELECTRONICS-M54HC620 Datasheet
258Kb / 11P
   OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com