Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XD010-42S-D4F Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # XD010-42S-D4F
Description  869-894 MHz Class A 8 W Power Amplifier Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

XD010-42S-D4F Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  XD010-42S-D4F Datasheet HTML 1Page - SIRENZA MICRODEVICES XD010-42S-D4F Datasheet HTML 2Page - SIRENZA MICRODEVICES XD010-42S-D4F Datasheet HTML 3Page - SIRENZA MICRODEVICES XD010-42S-D4F Datasheet HTML 4Page - SIRENZA MICRODEVICES XD010-42S-D4F Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
XD010-42S-D4F 869-894 MHz 8W Power Amp Module
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
3
EDS-102938 Rev C
Gain and Input Return Loss vs. Frequency
Output Power=1 Watt, Vdd=28 V, TFlange=25
oC
22
23
24
25
26
27
28
29
30
31
32
865
870
875
880
885
890
895
900
Frequency (MHz)
-24
-23
-22
-21
-20
-19
-18
-17
-16
-15
-14
Gain
Input Return Loss
23
24
25
26
27
28
29
30
31
01
234
56
Output Power (W)
-80
-70
-60
-50
-40
-30
-20
-10
0
Two Tone Gain
IMD 1MHz Spacing
ACP
ALT1
Gain, IMD, ACP, ALT1 vs. Output Power
Freq=881 MHz, Vdd=28V, TFlange=25
oC, IS-95
ADJ BW=30KHz @ 750 KHz spacing
ALT1 BW=30KHz @1980 KHz spacing
IMD @ 1 MHz spacing
Efficiency and Idd vs. Output Pow er and Tem perature
Freq=881 MHz, Vdd=28 V, T
Flange=-20
o
C, 25oC, 90oC
0
5
10
15
20
25
30
35
40
02468
10
12
Output Power (W)
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Efficiency @-20°C
Efficiency @25°C
Efficiency @90°C
Id @-20°C
Id @ 25°C
Id @ 90°C
Two Tone IMD, ACP, ALT1 vs. Frequency
Output Power=1 Watt, Vdd=28 V, TFlange=25
oC IS95 standard,
channel BW= 1.23 MHz, ADJ BW= 30 KHz@ 750 KHz spacing.
ALT1 BW= 30 KHz@1980 KHz spacing. IMD@1 MHz spacing.
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
865
870
875
880
885
890
895
900
Frequency (MHz)
Two Tone IMD
ACP
ALT1
Gain and IMDs vs. Output Power and Voltage
Freq=881 and 882 MHz, Vdd=24 V, 28 V, 32 V
TFlange=25oC
21
22
23
24
25
26
27
28
29
30
31
0123456
Output Power (W)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Gain @ 24 Volts
Gain @ 28 Volts
Gain @ 32 Volts
IMD @ 24 Volts
IMD @ 28 Volts
IMD @ 32 Volts
Gain and IMD vs. Output Power and Temperature
Freq=881 MHz, Vdd=28 V, TFlange=-20
oC, 25oC, 90oC
13
15
17
19
21
23
25
27
29
31
33
0123456
Output Power (W)
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
Gain @-20°C
Gain @ 25°C
Gain @ 90°C
IMD @-20°C
IMD @ 25°C
IMD @ 90°C
Typical Performance Curves


Similar Part No. - XD010-42S-D4F

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
XD010-42S-D4F SIRENZA-XD010-42S-D4F Datasheet
144Kb / 5P
   869-894 MHz Class A 8W power module
XD010-42S-D4FY SIRENZA-XD010-42S-D4FY Datasheet
144Kb / 5P
   869-894 MHz Class A 8W power module
XD010-42S-D4F SIRENZA-XD010-42S-D4F_1 Datasheet
144Kb / 5P
   869-894 MHz Class A 8W power module
More results

Similar Description - XD010-42S-D4F

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
XD010-42S-D4F SIRENZA-XD010-42S-D4F_1 Datasheet
144Kb / 5P
   869-894 MHz Class A 8W power module
XD010-12S-D4F SIRENZA-XD010-12S-D4F Datasheet
224Kb / 6P
   869-894 MHz Class AB 15W Power Amplifier Module
SDM-08060-B1F SIRENZA-SDM-08060-B1F Datasheet
121Kb / 5P
   869-894 MHz Class AB 65W Power Amplifier Module
SDM-08120 SIRENZA-SDM-08120 Datasheet
89Kb / 5P
   869-894 MHz Class AB 130W Power Amplifier Module
SDM-08060 SIRENZA-SDM-08060 Datasheet
88Kb / 3P
   869-894 MHz Class AB 60W Power Amplifier Module
logo
List of Unclassifed Man...
QPP-003 ETC1-QPP-003 Datasheet
43Kb / 2P
   60W, 869-894 MHz Class AB Power Stage
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B501T WALSIN-RFBPF1109B501T Datasheet
607Kb / 7P
   869 ~ 894 MHz Band Working Frequency
SF11090881B506T WALSIN-SF11090881B506T Datasheet
709Kb / 8P
   869~894 MHz Band Working Frequency
logo
Infineon Technologies A...
PTFA082201E INFINEON-PTFA082201E_09 Datasheet
352Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 869 ??894 MHz
Rev. 04.1, 2009-02-20
logo
M/A-COM Technology Solu...
MAFR-000083-AS1C1T MA-COM-MAFR-000083-AS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 869 MHz-894 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com