Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985-12YEUR Datasheet(PDF) 8 Page - Texas Instruments

Part # LP2985-12YEUR
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-12YEUR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2985-12YEUR Datasheet HTML 4Page - Texas Instruments LP2985-12YEUR Datasheet HTML 5Page - Texas Instruments LP2985-12YEUR Datasheet HTML 6Page - Texas Instruments LP2985-12YEUR Datasheet HTML 7Page - Texas Instruments LP2985-12YEUR Datasheet HTML 8Page - Texas Instruments LP2985-12YEUR Datasheet HTML 9Page - Texas Instruments LP2985-12YEUR Datasheet HTML 10Page - Texas Instruments LP2985-12YEUR Datasheet HTML 11Page - Texas Instruments LP2985-12YEUR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature range,
VIN = VOUT (nominal) + 1 V, VON/OFF = 2 V, CIN =1mF, IL = 1 mA, COUT = 4.7 mF (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
TJ
LP2985A−XX
LP2985−XX
UNIT
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Vn
Output noise
(RMS)
BW = 300 Hz to 50 kHz,
COUT = 10 µF,
CBYPASS = 10 nF,
VOUT = 1.8 V
25
°C
30
30
µV
nVOUT/nVIN
Ripple
rejection
f = 1kHz,
COUT = 10 µF,
CBYPASS = 10 nF
25
°C
45
45
dB
IOUT(PK)
Peak output
current
VOUT ≥ VO(NOM) − 5%
25
°C
350
350
mA
IOUT(SC)
Short circuit
current
RL = 0 (steady state)
(see Note 7)
25
°C
400
400
mA
NOTE 7: See Typical Characteristics Curve, Short-Circuit Current vs. VOUT


Similar Part No. - LP2985-12YEUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985-10 TI-LP2985-10 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI1-LP2985-10DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results

Similar Description - LP2985-12YEUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com