Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985-20YZQR Datasheet(PDF) 10 Page - Texas Instruments

Part # LP2985-20YZQR
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-20YZQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2985-20YZQR Datasheet HTML 6Page - Texas Instruments LP2985-20YZQR Datasheet HTML 7Page - Texas Instruments LP2985-20YZQR Datasheet HTML 8Page - Texas Instruments LP2985-20YZQR Datasheet HTML 9Page - Texas Instruments LP2985-20YZQR Datasheet HTML 10Page - Texas Instruments LP2985-20YZQR Datasheet HTML 11Page - Texas Instruments LP2985-20YZQR Datasheet HTML 12Page - Texas Instruments LP2985-20YZQR Datasheet HTML 13Page - Texas Instruments LP2985-20YZQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
output capacitor (COUT) (continued)
It is critical that both the minimum capacitance and ESR requirement be met over the entire operating
temperature range. Depending on the type of capacitors used, both these parameters can vary significantly with
temperature (see Capacitor Characteristics section).
noise bypass capacitor (CBYPASS)
The LP2985LV allows for low noise performance with the use of a bypass capacitor that is connected to the
internal band-gap reference via the BYPASS pin. This high-impedance band-gap circuitry is biased in the
microampere range and, thus, cannot be loaded significantly, else its output − and correspondingly the output
of the regulator − will change. Thus, for best output accuracy, dc leakage current through CBYPASS should be
minimized as much as possible and should never exceed 100 nA.
A 10-nF capacitor is recommended for CBYPASS; ceramic and film capacitors are well suited for this purpose.
capacitor characteristics
ceramic
Ceramic capacitors are ideal choices for use on the output of the LP2985LV for several reasons. For
capacitances in the range of 2.2
µF to 4.7 µF, ceramic capacitors have the lowest cost and the lowest ESR,
making them choice candidates for filtering high-frequency noise. For instance, a typical 2.2-
µF ceramic
capacitor has an ESR in the range of 10 m
Ω to 20mΩ and satisfies minimum ESR requirements of the regulator.
Ceramic capacitors have one glaring disadvantage that must be taken into account − a poor temperature
coefficient, where the capacitance can vary significantly with temperature. For instance, a large-value ceramic
capacitor (
≥2.2 µF) can lose more than half of its capacitance as temperature rises from 25°C to 85°C. Thus,
a 2.2
µF at 25°C will drop well below the minimum COUT required for stability as ambient temperature rises. For
this reason, select an output capacitor that maintains the minimum 2.2
µF required for stability over the entire
operating temperature range. Note that there are some ceramic capacitors that can maintain a
±15%
capacitance tolerance over temperature.
tantalum
Tantalum capacitors can be used at the output of the LP2985LV, but there are significant disadvantages that
could prohibit their use.
In the 1-µF to 4.7-µF range, tantalum capacitors are more expensive than ceramics of the equivalent
capacitance and voltage ratings.
Tantalum capacitors have higher ESRs than their equivalent-sized ceramic counterparts. Thus, to meet
the ESR requirements, a higher-capacitance tantalum may be required, at the expense of larger size
and higher cost.
The ESR of a tantalum capacitor increases as temperature drops, as much as double from 25°C to
−40
°C. Thus, ESR margins must be maintained over the temperature range in order to prevent
regulator instability.


Similar Part No. - LP2985-20YZQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985-25 TI-LP2985-25 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-25DBVR TI-LP2985-25DBVR Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985-25DBVR TI-LP2985-25DBVR Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985-25DBVR TI-LP2985-25DBVR Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985-25DBVR TI-LP2985-25DBVR Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2985-20YZQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com