Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985-17YZQR Datasheet(PDF) 7 Page - Texas Instruments

Part # LP2985-17YZQR
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-17YZQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2985-17YZQR Datasheet HTML 3Page - Texas Instruments LP2985-17YZQR Datasheet HTML 4Page - Texas Instruments LP2985-17YZQR Datasheet HTML 5Page - Texas Instruments LP2985-17YZQR Datasheet HTML 6Page - Texas Instruments LP2985-17YZQR Datasheet HTML 7Page - Texas Instruments LP2985-17YZQR Datasheet HTML 8Page - Texas Instruments LP2985-17YZQR Datasheet HTML 9Page - Texas Instruments LP2985-17YZQR Datasheet HTML 10Page - Texas Instruments LP2985-17YZQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature range,
VIN = VOUT (nominal) + 1 V, VON/OFF = 2 V, CIN =1mF, IL = 1 mA, COUT = 4.7 mF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
LP2985A−XX
LP2985−XX
UNIT
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IL = 1mA
25
°C
−1
1
−1.5
1.5
Output voltage
1 mA
≤ IL ≤ 50 mA
25
°C
−1.5
1.5
−2.5
2.5
nVOUT
Output voltage
tolerance
1 mA
≤ IL ≤ 50 mA
−40
°C to 125°C
−2.5
2.5
−3.5
3.5
%VNOM
nVOUT
tolerance
1 mA
≤ IL ≤ 150 mA
25
°C
−2.5
2.5
−3.0
3.0
%VNOM
1 mA
≤ IL ≤ 150 mA
−40
°C to 125°C
−3.5
3.5
−4.0
4.0
Line regulation
VIN =
25
°C
0.007
0.014
0.007
0.014
%/V
Line regulation
VIN =
[VOUT(NOM) + 1 V] to 16 V −40
°C to 125°C
0.032
0.032
%/V
VIN(MIN)
Minimum VIN to
maintain output
25
°C
2.05
2.05
V
VIN(MIN)
maintain output
regulation
(see Note 5)
−40
°C to 125°C
2.2
2.2
V
IL = 50 mA
25
°C
120
150
120
150
VIN-VOUT
Dropout voltage
IL = 50 mA
−40
°C to 125°C
250
250
mV
VIN-VOUT
Dropout voltage
(see Note 5)
IL = 150 mA
25
°C
280
350
280
350
mV
(see Note 5)
IL = 150 mA
−40
°C to 125°C
600
600
IL = 0
25
°C
65
95
65
95
IL = 0
−40
°C to 125°C
125
125
IL = 1 mA
25
°C
75
110
75
110
IL = 1 mA
−40
°C to 125°C
170
170
IL = 10 mA
25
°C
120
220
120
220
IL = 10 mA
−40
°C to 125°C
400
400
IGND
Ground pin current
IL = 50 mA
25
°C
350
600
350
600
µA
IGND
Ground pin current
IL = 50 mA
−40
°C to 125°C
1000
1000
µA
IL = 150 mA
25
°C
850
1500
850
1500
IL = 150 mA
−40
°C to 125°C
2500
2500
VON/OFF < 0.3 V (OFF)
25
°C
0.01
0.8
0.01
0.8
VON/OFF 0.15 V (OFF)
−40
°C to 105°C
0.05
2
0.05
2
VON/OFF < 0.15 V (OFF)
−40
°C to 125°C
5
5
ON/OFF input
VON/OFF= HIGH !
25
°C
1.4
1.4
VON/OFF
ON/OFF input
voltage
VON/OFF= HIGH !
(ON)
−40
°C to 125°C
1.6
1.6
V
VON/OFF
voltage
(see Note 6)
VON/OFF = LOW !
25
°C
0.55
0.55
V
(see Note 6)
VON/OFF = LOW !
(OFF)
−40
°C to 125°C
0.15
0.15
VON/OFF = 0
25
°C
0.01
0.01
ION/OFF
ON/OFF input
VON/OFF = 0
−40
°C to 125°C
−2
−2
A
ION/OFF
ON/OFF input
current
VON/OFF = 5 V
25
°C
5
5
µA
current
VON/OFF = 5 V
−40
°C to 125°C
15
15
NOTES:
5. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below the value measured
with
a
1-V
differential.
Dropout
limits
may
not
apply
because
VIN must be the greater of a) 2.2 V, or
b) VOUT(nom) + dropout voltage (Max) in order to maintain output regulation.
6. The ON/OFF input must be properly driven for reliable operation (see Application Information).


Similar Part No. - LP2985-17YZQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985-10 TI-LP2985-10 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI1-LP2985-10DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results

Similar Description - LP2985-17YZQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com