Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHS-08MA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CHS-08MA
Description  SURFACE MOUNT TYPE SLIDE SWITCHES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CHS-08MA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CHS-08MA Datasheet HTML 1Page - List of Unclassifed Manufacturers CHS-08MA Datasheet HTML 2Page - List of Unclassifed Manufacturers CHS-08MA Datasheet HTML 3Page - List of Unclassifed Manufacturers CHS-08MA Datasheet HTML 4Page - List of Unclassifed Manufacturers CHS-08MA Datasheet HTML 5Page - List of Unclassifed Manufacturers CHS-08MA Datasheet HTML 6Page - List of Unclassifed Manufacturers CHS-08MA Datasheet HTML 7Page - List of Unclassifed Manufacturers CHS-08MA Datasheet HTML 8Page - List of Unclassifed Manufacturers CHS-08MA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
(
J-hook)
(Gull wing)
(
J-hook)
(Gull wing)
(J-hook)
(Gull wing)
SLIDE SWITCHES (SMD)
CHS
s Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
COPAL ELECTRONICS
s LIST OF PART NUMBERS
No. of bits
1
2
4
6
8
10
Form of
packaging
Shape of
terminals
Pieces in package
Taping
Magazine
Bulk packaging
aping
Magazine
Bulk packaging
Taping
Magazine
Bulk packaging
Taping
Magazine
Bulk packaging
Taping
Magazine
Bulk packaging
Taping
Magazine
Bulk packaging
CHS-01TA1
CHS-01TB1
CHS-01TA2
CHS-01TB2
1000 pcs./reel
CHS-01A1
CHS-01B1
50 pcs./pack
CHS-02TA1
CHS-02TB1
CHS-02TA2
CHS-02TB2
500 pcs./reel
CHS-02A1
CHS-02B1
50 pcs./pack
CHS-04TA1
CHS-04TB1
CHS-04TA2
CHS-04TB2
500 pcs./reel
CHS-04MA1
CHS-04MB1
70 pcs./stick
CHS-04A1
CHS-04B1
50 pcs./pack
CHS-06TA1
CHS-06TB1
CHS-06TA2
CHS-06TB2
500 pcs./reel
CHS-06MA1
CHS-06MB1
50 pcs./stick
CHS-06A1
CHS-06B1
50 pcs./pack
CHS-08TA1
CHS-08TB1
CHS-08TA2
CHS-08TB2
500 pcs./reel
CHS-08MA1
CHS-08MB1
40 pcs./stick
CHS-08A1
CHS-08B1
50 pcs./pack
CHS-10TA1
CHS-10TB1
CHS-10TA2
CHS-10TB2
500 pcs./reel
CHS-10MA1
CHS-10MB1
30 pcs./stick
CHS-10A1
CHS-10B1
50 pcs./pack
A
B
: Not manufactured
❈ Verify the above part numbers when placing orders.
Taping and magazine version must be purchaced in reel or stick units.
A
B
Non-washing type (Seal tape is nothing) Non-washing type (Seal tape is provided)
No. of bits
1
2
4
6
8
10
Form of
packaging
Shape of
terminals
Pieces in package
Taping
Magazine
Bulk packaging
Taping
Magazine
Bulk packaging
Taping
Magazine
Bulk packaging
Taping
Magazine
Bulk packaging
Taping
Magazine
Bulk packaging
Taping
Magazine
Bulk packaging
CHS-01TA
CHS-01TB
1000 pcs./reel
CHS-01A
CHS-01B
50 pcs./pack
CHS-02TA
CHS-02TB
500 pcs./reel
CHS-02A
CHS-02B
50 pcs./pack
CHS-04TA
CHS-04TB
500 pcs./reel
CHS-04MA
CHS-04MB
70 pcs./stick
CHS-04A
CHS-04B
50 pcs./pack
CHS-06TA
CHS-06TB
500 pcs./reel
CHS-06MA
CHS-06MB
50 pcs./stick
CHS-06A
CHS-06B
50 pcs./pack
CHS-08TA
CHS-08TB
500 pcs./reel
CHS-08MA
CHS-08MB
40 pcs./stick
CHS-08A
CHS-08B
50 pcs./pack
CHS-10TA
CHS-10TB
500 pcs./reel
CHS-10MA
CHS-10MB
30 pcs./stick
CHS-10A
CHS-10B
50 pcs./pack
A
B
Washable type (Seal tape is provided)


Similar Part No. - CHS-08MA

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CHS-08MA COPAL-CHS-08MA Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
CHS-08MA1 COPAL-CHS-08MA1 Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
CHS-08MA2 COPAL-CHS-08MA2 Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
More results

Similar Description - CHS-08MA

ManufacturerPart #DatasheetDescription
logo
C&K Components
PCM CK-COMPONENTS-PCM_V01 Datasheet
322Kb / 3P
   Ultraminiature Surface Mount Slide Switches
16 Mar 22
logo
ITT Industries
PCM12SMTR ITT-PCM12SMTR Datasheet
204Kb / 2P
   Ultraminiature Surface Mount Slide Switches
logo
C&K Components
PCM CK-COMPONENTS-PCM Datasheet
291Kb / 2P
   Ultraminiature Surface Mount Slide Switches
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
   SLIDE & PIANO TYPE DIP SWITCHES
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
   SLIDE&PIANO TYPE DIP SWITCHES
logo
Tyco Electronics
ASF22GL MACOM-ASF22GL Datasheet
154Kb / 4P
   Slide Switches, Auto-insertable, Through Hole and Surface Mount
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com