Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2128C-M31S Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC2128C-M31S
Description  REMOTE FAN CONTROL IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2128C-M31S Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC2128C-M31S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2128C-M31S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC2128C-M31S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC2128C-M31S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC2128C-M31S Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC2128C-M31S Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC2128C-M31S Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC2128C-M31S Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC2128C-M31S Datasheet HTML 13Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Silan
Semiconductors
SC2128C
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2001.09.26
9
11. RHYTHM SLEEP WIND MODE
Pressing MODE key in sleep wind mode brings
SC2128C into rhythm sleep wind. In rhythm sleep
wind mode, SC2128C outputs LOW, MIDDLE or
STRONG rhythm wind pattern and automatically
steps down one level every 30 minutes until it
reaches low rhythm wind level. If no off-timer is set,
SC2128C
keeps
in
low
rhythm
wind
output.
Otherwise it restores off state when the off-timer
times out.
t=0
t=0.5hr t=1.0hr
timer timeout
hours
Middle rhythm sleep mode wind pattern
Strong rhythm wind
t=0
t=0.5hr t=1.0hr
timer timeout
hours
Strong rhythm sleep mode wind pattern
t=0
t=0.5hr t=1.0hr
timer timeout
hours
Low rhythm sleep mode wind pattern
Middle rhythm wind
Low rhythm wind
Strong rhythm wind
Middle rhythm wind
Low rhythm wind
Strong rhythm wind
Middle rhythm wind
Low rhythm wind
12. BUZZER OUTPUT
All valid key pressed except OFF/BUZZ initiates a 150ms
duration 4kHz 50% duty cycle pulse train at OFF/BUZZ pin.
OFF/BUZZ key function as OFF key if pressed when fan is
in any on state. In this case, it does NOT initiate an output
on BUZZ. Note that when OFF/BUZZ outputs the pulse train,
key input is suppressed. That is, pressing OFF/BUZZ key
when the buzzer is buzzing is NOT recognized by SC2128C.
The diagram right shows the buzzer connection.
SC2128C
VSS
VDD
OFF/BUZZ
OFF/BUZZ key
-5V
13. REMOTE CONTROL DECODER
SC2128C is designed to be used together with SC2268 infrared ray remote control encoder. Such combination
allows up to 8 remote control keys – SPEED, MODE, TIMER, LIGHT, SLEEP, SW1, SW2, OFF/BUZZ – to be
built on the remote control handset. 4 bits customer code, b3 ~ b6, is encoded by SC2268 and decoded by
SC2128C in order to avoid remote control contention between devices. With SC2268, b3 is determined by
bonding option; b4, b5 and b6 are determined by connecting respective c4, c5, c6 pin to V
DD or VSS. With
SC2128A, b3 and b6 can be mask programmed upon customer request and with NRE.
The remote control signal coding scheme is fully
compatible with SC2268. Some description follows.
Please refer to specification of SC2268 for details.
When SC2128C receives a remote control signal at
its REMOTE pin, it decodes the received waveform
into consecutive “0” bits and “1” bits. It first
compares the received start word against its
customer code. If and only if the start word matches
the customer code, it then compares for two
consecutive and matched code words. It then
actuates the command according to the code words
table shown later.
start word
1st code word 2nd code word
Code frame
b0
b1
b2
b3
b4
b5
b6
b7
Start/Code word:
Code bit:
"1" bit:
0.625ms
1.875ms
2.5ms
"0" bit:


Similar Part No. - SC2128C-M31S

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C20B SILAN-SC2128A-C20B Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C20D SILAN-SC2128A-C20D Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C20S SILAN-SC2128A-C20S Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C21B SILAN-SC2128A-C21B Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
More results

Similar Description - SC2128C-M31S

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com