Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XD010-12S-D4F Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part # XD010-12S-D4F
Description  869-894 MHz Class AB 15W Power Amplifier Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

XD010-12S-D4F Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  XD010-12S-D4F Datasheet HTML 1Page - SIRENZA MICRODEVICES XD010-12S-D4F Datasheet HTML 2Page - SIRENZA MICRODEVICES XD010-12S-D4F Datasheet HTML 3Page - SIRENZA MICRODEVICES XD010-12S-D4F Datasheet HTML 4Page - SIRENZA MICRODEVICES XD010-12S-D4F Datasheet HTML 5Page - SIRENZA MICRODEVICES XD010-12S-D4F Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
XD010-12S-D4F 869-894 MHz 15W Power Amp Module
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
2
EDS-102934 Rev C
Simplified Device Schematic
Absolute Maximum Ratings
Parameters
Value
Unit
1st Stage Bias Voltage (VD1 )35
V
2nd Stage Bias Voltage (VD2)35
V
RF Input Power
+20
dBm
Load Impedance for Continuous Operation
Without Damage
5:1
VSWR
Output Device Channel Temperature
+200
ºC
Operating Temperature Range
-20 to +90
ºC
Storage Temperature Range
-40 to +100
ºC
Operation of this device beyond any one of these limits may cause
permanent damage. For reliable continuous operation see typical
setup values specified in the table on page one.
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.
D1
VV
D2
Temperature
Compensation
RF
in
1
Q1
Bias
Network
Q2
2
3
4
RF
out
Case Flange = Ground
Pin Description
Pin #
Function
Description
1
RF Input
Module RF input. This pin is internally connected to DC ground. Do not apply DC voltages to the RF leads. Care must be
taken to protect against video transients that may damage the active devices.
2VD1
This is the drain voltage for the first stage. Nominally +28Vdc
3VD2
This is the drain voltage for the 2nd stage of the amplifier module. The 2nd stage gate bias is temperature compensated to
maintain constant quiscent drain current over the operating temperature range. See Note 1.
4
RF Output
Module RF output. This pin is internally connected to DC ground. Do not apply DC voltages to the RF leads. Care must be
taken to protect against video transients that may damage the active devices.
Flange
Gnd
Exposed area on the bottom side of the package needs to be mechanically attached to the ground plane of the board for
optimum thermal and RF performance. See mounting instructions in application note AN-060 on Sirenza’s web site.
Note 1:
The internally generated gate voltage is thermally compen-
sated to maintain constant quiescent current over the temper-
ature range listed in the data sheet. No compensation is
provided for gain changes with temperature. This can only be
accomplished with AGC external to the module.
Note 2:
Internal RF decoupling is included on all bias leads. No addi-
tional bypass elements are required, however some applica-
tions may require energy storage on the drain leads to
accommodate time-varying waveforms.
Note 3:
This module was designed to have its leads hand soldered to
an adjacent PCB. The maximum soldering iron tip tempera-
ture should not exceed 700° C, and the soldering iron tip
should not be in direct contact with the lead for longer than 10
seconds. Refer to app note AN060 (www.sirenza.com) for fur-
ther installation
instructions.
Quality Specifications
Parameter
Unit
Typical
ESD Rating
Human Body Model, JEDEC Document - JESD22-A114-B
V
8000
MTTF
85oC Leadframe, 200oC Channel
Hours
1.2 X 106


Similar Part No. - XD010-12S-D4F

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
XD010-14S-D4F SIRENZA-XD010-14S-D4F Datasheet
210Kb / 5P
   925-960 MHz Class A/AB 15W Power Amplifier Module
More results

Similar Description - XD010-12S-D4F

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SDM-08120 SIRENZA-SDM-08120 Datasheet
89Kb / 5P
   869-894 MHz Class AB 130W Power Amplifier Module
SDM-08060 SIRENZA-SDM-08060 Datasheet
88Kb / 3P
   869-894 MHz Class AB 60W Power Amplifier Module
SDM-08060-B1F SIRENZA-SDM-08060-B1F Datasheet
121Kb / 5P
   869-894 MHz Class AB 65W Power Amplifier Module
logo
List of Unclassifed Man...
QPP-003 ETC1-QPP-003 Datasheet
43Kb / 2P
   60W, 869-894 MHz Class AB Power Stage
logo
SIRENZA MICRODEVICES
XD010-42S-D4F SIRENZA-XD010-42S-D4F Datasheet
213Kb / 5P
   869-894 MHz Class A 8 W Power Amplifier Module
XD010-42S-D4F SIRENZA-XD010-42S-D4F_1 Datasheet
144Kb / 5P
   869-894 MHz Class A 8W power module
XD010-51S-D4F SIRENZA-XD010-51S-D4F Datasheet
208Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
XD010-14S-D4F SIRENZA-XD010-14S-D4F Datasheet
210Kb / 5P
   925-960 MHz Class A/AB 15W Power Amplifier Module
XD010-51S-D4F SIRENZA-XD010-51S-D4F_1 Datasheet
140Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B501T WALSIN-RFBPF1109B501T Datasheet
607Kb / 7P
   869 ~ 894 MHz Band Working Frequency
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com