Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM6M020-060D Datasheet(PDF) 10 Page - Sensitron

Part # SPM6M020-060D
Description  Three-Phase MOSFET BRIDGE With Gate Driver and Optical Isolation 600 VOLT 20 AMP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPM6M020-060D Datasheet(HTML) 10 Page - Sensitron

Back Button SPM6M020-060D Datasheet HTML 5Page - Sensitron SPM6M020-060D Datasheet HTML 6Page - Sensitron SPM6M020-060D Datasheet HTML 7Page - Sensitron SPM6M020-060D Datasheet HTML 8Page - Sensitron SPM6M020-060D Datasheet HTML 9Page - Sensitron SPM6M020-060D Datasheet HTML 10Page - Sensitron SPM6M020-060D Datasheet HTML 11Page - Sensitron SPM6M020-060D Datasheet HTML 12Page - Sensitron SPM6M020-060D Datasheet HTML 13Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600 FAX (631) 242 9798
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
Page 10 of 13
SENSITRON
TECHNICAL DATA
Datasheet 4982 Rev. -
Application Notes
a- System Start Up Sequence:
Activate fault clear input for about 100
µsec at startup. The micro-controller enable output is inverted
and fed to the second DS34C87 control input. When the controller is in disable mode, the Flt-clr is
enabled and Phase C low-side IGBT is turned on. This allows for the bootstrap circuit of the high-
side IGBT of Phase C to be charged. At the same time, the high-side bootstrap circuits of Phases A
and B will charge through the motor winding. Once the controller is enabled, PWM signals of all
channels should start.
Fig. 7 shows a recommended startup circuit.
Notes:
1- Gnd1 and Gnd2 are isolated grounds from each other.
2- The +5V power supply used for DS34C87 is an isolated power supply.
3- The +15V power supply used for SPM6G070-060D is an isolated power supply.
Truth Table For DS34C87
Input
Control Input
Non-Inverting Output
Inverting Output
H
H
H
L
L
H
L
H
X
L
Z
Z
SPM6M020-060D
OutA-P
OutA-
OutB-
OutB-P
OutD-
OutD-
OutC-
OutC-
Gnd
+5V
A/B
C/D
InC
InD
InB
InA
DS34C87
350
LinC
LinC-R
LinB
LinB-R
HinB-R
HinB
HinA
HinA-R
LinA-R
LinA
350
350
350
350
350
350
350
DS34C87
InA
InB
InD
InC
C/D
A/B
+5V
Gnd
OutC-P
OutC-N
OutD-N
OutD-P
OutB-P
OutB-N
OutA-N
OutA-P
HinC
HinC-R
SPM6G070-060D
Micro
Controller
Enabl
HinA
LinA
HinB
LinB
HinC
LinC
Flt-Clr
2.74K
SFH6186-4
Fig. 7 Input Interface and Startup Circuit
Gnd2
+5V
Gnd1
2.74k
2.74k
2.74k
2.74k
2.74k
2.74k
15V
2.74K


Similar Part No. - SPM6M020-060D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6M050-010D SENSITRON-SPM6M050-010D Datasheet
61Kb / 4P
   Three-Phase MOSFET BRIDGE 100 VOLT 50 AMP
SPM6M060-010D SENSITRON-SPM6M060-010D Datasheet
62Kb / 4P
   Three-Phase MOSFET Bridge With Gate Driver and Optical Isolation
SPM6M070-020D SENSITRON-SPM6M070-020D Datasheet
105Kb / 8P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
SPM6M080-010D SENSITRON-SPM6M080-010D Datasheet
146Kb / 16P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
SPM6M080-010D SENSITRON-SPM6M080-010D Datasheet
109Kb / 14P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
More results

Similar Description - SPM6M020-060D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6M080-010D SENSITRON-SPM6M080-010D Datasheet
109Kb / 14P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
SPM6M070-020D SENSITRON-SPM6M070-020D Datasheet
105Kb / 8P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
SPM6M080-010D SENSITRON-SPM6M080-010D_10 Datasheet
146Kb / 16P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
SPM6M060-010D SENSITRON-SPM6M060-010D Datasheet
62Kb / 4P
   Three-Phase MOSFET Bridge With Gate Driver and Optical Isolation
SPM6G140-060D SENSITRON-SPM6G140-060D Datasheet
244Kb / 17P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D Datasheet
84Kb / 7P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G060-120D SENSITRON-SPM6G060-120D_08 Datasheet
207Kb / 21P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G070-060D SENSITRON-SPM6G070-060D Datasheet
172Kb / 19P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D_07 Datasheet
87Kb / 7P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G150-060D SENSITRON-SPM6G150-060D Datasheet
66Kb / 4P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com