Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F400V8I Datasheet(PDF) 3 Page - IC MICROSYSTEMS

Part # X76F400V8I
Description  Secure SerialFlash
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F400V8I Datasheet(HTML) 3 Page - IC MICROSYSTEMS

  X76F400V8I Datasheet HTML 1Page - IC MICROSYSTEMS X76F400V8I Datasheet HTML 2Page - IC MICROSYSTEMS X76F400V8I Datasheet HTML 3Page - IC MICROSYSTEMS X76F400V8I Datasheet HTML 4Page - IC MICROSYSTEMS X76F400V8I Datasheet HTML 5Page - IC MICROSYSTEMS X76F400V8I Datasheet HTML 6Page - IC MICROSYSTEMS X76F400V8I Datasheet HTML 7Page - IC MICROSYSTEMS X76F400V8I Datasheet HTML 8Page - IC MICROSYSTEMS X76F400V8I Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
X76F400
Characteristics subject to change without notice.
3 of 14
REV 1.0 7/5/00
www.icmic.com
Figure 1. X76F400 Device Operation
Retry Counter
The X76F400 contains a retry counter. The retry
counter allows 8 accesses with an invalid password
before any action is taken. The counter will increment with
any combination of incorrect passwords. If the
retry counter overflows, the memory area and both of the
passwords are cleared to “0.” If a correct password
is received prior to retry counter overflow, the retry
counter is reset and access is granted.
Device Protocol
The X76F400 supports a bi-directional bus oriented
protocol. The protocol defines any device that sends
data onto the bus as a transmitter and the receiving
device as a receiver. The device controlling the transfer
is a master and the device being controlled is the slave.
The master will always initiate data transfers and
provide the clock for both transmit and receive operations.
Therefore, the X76F400 will be considered a
slave in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during SCL
LOW. SDA changes during SCL HIGH are
reserved for indicating start and stop conditions. Refer to
Figures 2 and 3.
Start Condition
All commands are preceded by the start condition, which
is a HIGH to LOW transition of SDA when SCL is
HIGH. The X76F400 continuously monitors the SDA and
SCL lines for the start condition, and will not
respond to any command until this condition is met.
A start may be issued to terminate the input of a control
byte or the input data to be written. This will reset
the device and leave it ready to begin a new read or write
command. Because of the push/pull output, a
start cannot be generated while the part is outputting data.
Starts are inhibited while a write is in progress.
Stop Condition
All communications must be terminated by a stop con-
dition. The stop condition is a LOW to HIGH transition
of SDA when SCL is HIGH. The stop condition is also used
to reset the device during a command or data
input sequence, leaving the device in the standby
power mode. As with starts, stops are inhibited when
outputting data and while a write is in progress.
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device, either
master or slave, will release the bus after transmitting 8 bits.
During the ninth clock cycle the receiver will pull
the SDA line LOW to acknowledge that it received the 8
bits of data.
The X76F400 will respond with an acknowledge after
recognition of a start condition and its slave address. If
both the device and a write condition have been
selected, the X76F400 will respond with an acknowl-
edge after the receipt of each subsequent 8-bit word.
Load Command/Address Byte
Load 8-Byte
Password
Verify Password
Acceptance by
Use of ACK Polling
Read/Write
Data Bytes
Figure 2. Data Validity
SCL
SDA
Data Stable
Data
Change


Similar Part No. - X76F400V8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F041 XICOR-X76F041 Datasheet
107Kb / 21P
   PASS TM SecureFlash
X76F041A XICOR-X76F041A Datasheet
107Kb / 21P
   PASS TM SecureFlash
X76F041A-3 XICOR-X76F041A-3 Datasheet
107Kb / 21P
   PASS TM SecureFlash
X76F041AE XICOR-X76F041AE Datasheet
107Kb / 21P
   PASS TM SecureFlash
X76F041AE-3 XICOR-X76F041AE-3 Datasheet
107Kb / 21P
   PASS TM SecureFlash
More results

Similar Description - X76F400V8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com