Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F569 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F569
Description  4-bit bidirectional binary synchronous counter 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F569 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F569 Datasheet HTML 2Page - NXP Semiconductors 74F569 Datasheet HTML 3Page - NXP Semiconductors 74F569 Datasheet HTML 4Page - NXP Semiconductors 74F569 Datasheet HTML 5Page - NXP Semiconductors 74F569 Datasheet HTML 6Page - NXP Semiconductors 74F569 Datasheet HTML 7Page - NXP Semiconductors 74F569 Datasheet HTML 8Page - NXP Semiconductors 74F569 Datasheet HTML 9Page - NXP Semiconductors 74F569 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74F569
4-bit bidirectional binary synchronous counter (3-State)
1996 Jan 05
6
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to +VCC
V
IOUT
Current applied to output in Low output state
TC, CC
40
mA
IOUT
Current a
lied to out ut in Low out ut state
Qn
48
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
TC, CC
–1
mA
IOH
High-level out ut current
Qn
–3
mA
IOL
Low-level output current
TC, CC
20
mA
IOL
Low-level out ut current
Qn
24
mA
Tamb
Operating free-air temperature range
0
70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SO
SCO
O SNO TAG
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONSNO TAG
MIN
TYP
NO TAG
MAX
UNIT
VOH
High-level output voltage
VCC = MIN, VIL = MAX,
±10%VCC
2.4
V
VOH
High-level out ut voltage
CC
IL
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.3
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX,
±10%VCC
0.35
0.50
V
VOL
Low-level out ut voltage
CC
IL
VIH = MIN, IOL = MAX
±5%VCC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
Others
VCC = MAX VI =0 5V
–0.6
mA
IIL
Low-level in ut current
CET, PE
VCC = MAX, VI = 0.5V
–1.2
mA
IOZH
Off-state output current,
High-level voltage applied
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off-state output current,
High-level voltage applied
VCC = MAX, VO = 0.5V
–50
µA
IOS
Short-circuit output currentNO TAG
VCC = MAX
–60
–150
mA
ICCH
38
60
mA
ICC
Supply current (total)
ICCL
VCC = MAX
43
62
mA
ICCZ
40
60
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


Similar Part No. - 74F569

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F569 FAIRCHILD-74F569 Datasheet
83Kb / 9P
   4-Bit Bidirectional Counter with 3-STATE Outputs
74F569PC FAIRCHILD-74F569PC Datasheet
83Kb / 9P
   4-Bit Bidirectional Counter with 3-STATE Outputs
74F569SC FAIRCHILD-74F569SC Datasheet
83Kb / 9P
   4-Bit Bidirectional Counter with 3-STATE Outputs
74F569SJ FAIRCHILD-74F569SJ Datasheet
83Kb / 9P
   4-Bit Bidirectional Counter with 3-STATE Outputs
More results

Similar Description - 74F569

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F579 FAIRCHILD-74F579 Datasheet
71Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F779 FAIRCHILD-74F779 Datasheet
74Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com