Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F541 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F541
Description  Octal inverter buffer 3- State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F541 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F541 Datasheet HTML 1Page - NXP Semiconductors 74F541 Datasheet HTML 2Page - NXP Semiconductors 74F541 Datasheet HTML 3Page - NXP Semiconductors 74F541 Datasheet HTML 4Page - NXP Semiconductors 74F541 Datasheet HTML 5Page - NXP Semiconductors 74F541 Datasheet HTML 6Page - NXP Semiconductors 74F541 Datasheet HTML 7Page - NXP Semiconductors 74F541 Datasheet HTML 8Page - NXP Semiconductors 74F541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74F540, 74F541
Buffers
1990 Jan 08
4
FUNCTION TABLE
INPUTS
OUTPUTS
INPUTS
74F541
74F540
OE0
OE1
In
Yn
Yn
L
L
X
H
L
L
H
X
L
H
X
X
L
H
Z
Z
H
L
Z
Z
H = High voltage level
L = Low voltage level
X = Don’t care
Z = High impedance “off” state
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5.0
mA
VOUT
Voltage applied to output in High output state
–0.5 to +VCC
V
IOUT
Current applied to output in Low output state
128
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–15
mA
IOL
Low-level output current
64
mA
Tamb
Operating free-air temperature range
0
70
°C


Similar Part No. - 74F541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F541 FAIRCHILD-74F541 Datasheet
55Kb / 6P
   Octal Buffer/Line Driver with 3-STATE Outputs
74F541 FAIRCHILD-74F541 Datasheet
70Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74F541PC NSC-74F541PC Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F541PC FAIRCHILD-74F541PC Datasheet
55Kb / 6P
   Octal Buffer/Line Driver with 3-STATE Outputs
74F541PC FAIRCHILD-74F541PC Datasheet
70Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74F541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F240 PHILIPS-74F240 Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
74F1240 PHILIPS-74F1240 Datasheet
85Kb / 10P
   Octal inverter buffer 3-State
1999 Jan 08
74F540N PHILIPS-74F540N Datasheet
100Kb / 10P
   Octal inverter buffer (3- State)
1990 Jan 08
74ALS240A PHILIPS-74ALS240A Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com