Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXE15-48S1V8 Datasheet(PDF) 6 Page - Artesyn Technologies

Part # CXE15-48S1V8
Description  High Efficiency DC/DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CXE15-48S1V8 Datasheet(HTML) 6 Page - Artesyn Technologies

Back Button CXE15-48S1V8 Datasheet HTML 2Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 3Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 4Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 5Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 6Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 7Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 8Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 9Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 10Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SXA10 Series
| 15W DC/DC
CXE15 Single Series
| 10.8 to 15W DC/DC
High Efficiency DC/DC converters
6
Input Characteristics
CXE15-48S1V8 Model
Electrical Characteristics - O/P
CXE15-48S1V8 Model
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Nominal set-point voltage
Vo (nom)
1.76
1.80
1.84
V DC
Vin = Vin (nom); Iout = Iout (nom)
Worst case condition over line,
load, temperature and life
Total regulation band
Vo
1.74
1.86
V DC
For all line, static load and
temperature until end of life.
Line regulation
0.5
%
Iout = Iout (nom); Vin (min)
to Vin (max)
Load regulation
2.0
%
Vin = Vin (nom); Iout (min) to
Iout (max)
Output current continuous
Iout
0.00
6.0
A DC
Output current - short circuit
Isc
10
12
A rms
Continuous, unit auto recovers
from short, Vo < 100mV
Output voltage - noise
Vp-p
40
70
mV pk-pk Measurement bandwidth 20 MHz
Vrms
14
20
mV rms
See Application Note 116 for
measurement set-up details
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input current - operating
Iin
0.271
0.274
A DC
Vin = Vin (nom); Iout = Iout
(max.); Vo = Vo (nom)
Input current - maximum
Iin (max.)
0.399
0.404
A DC
Vin = Vin (min); Iout = Iout
(max.); Vo = Vo (nom)
(measured at converter)
Reflected ripple current
Iin (ripple)
1.8
mA RMS
Iout = Iout (max.), measured
5
mA pk-pk with external filter. See
Application Note 116 for details
Input capacitance - internal
Cinput
1.5
µF
Internal to converter
filter
Input capacitance - external
Cbypass
0
µF
Recommended customer
bypass
added capacitance


Similar Part No. - CXE15-48S1V8

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
CXE15-48S05J EMERSON-NETWORKPOWER-CXE15-48S05J Datasheet
262Kb / 3P
   15 W High Efficiency DC-DC Converters
CXE15-48S3V3-SJ EMERSON-NETWORKPOWER-CXE15-48S3V3-SJ Datasheet
262Kb / 3P
   15 W High Efficiency DC-DC Converters
More results

Similar Description - CXE15-48S1V8

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Toshiba Semiconductor
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
TK3R3A06PL TOSHIBA-TK3R3A06PL Datasheet
497Kb / 9P
   High-Efficiency DC-DC Converters
TK3R1E04PL TOSHIBA-TK3R1E04PL Datasheet
448Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com