Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTT88N30P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTT88N30P
Description  PolarHT Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT88N30P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTT88N30P Datasheet HTML 1Page - IXYS Corporation IXTT88N30P Datasheet HTML 2Page - IXYS Corporation IXTT88N30P Datasheet HTML 3Page - IXYS Corporation IXTT88N30P Datasheet HTML 4Page - IXYS Corporation IXTT88N30P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
Fig. 2. Extended Output Characteristics
@ 25
ºC
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
1012
14
16
1820
VD S - Volts
VGS = 10V
9V
7V
6V
8V
5V
Fig. 3. Output Characteristics
@ 125
ºC
0
10
20
30
40
50
60
70
80
90
0123
456789
VD S - Volts
V
GS = 10V
9V
8V
5V
6V
7V
Fig. 1. Output Characteristics
@ 25
ºC
0
10
20
30
40
50
60
70
80
90
00.5
11.5
2
2.533.5
4
VD S - Volts
V
GS = 10V
9V
8V
7V
6V
5V
Fig. 4. RDS(on) Normalized to 0.5 ID25
Value vs. Junction Tem perature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
I
D = 88A
I
D = 44A
V
GS = 10V
Fig. 6. Drain Current vs. Case
Tem perature
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Norm alized to
0.5 ID25 Value vs. ID
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
0
20
40
60
80
100 120 140 160 180 200
I D - Amperes
T
J = 125ºC
T
J = 25ºC
V
GS = 10V
IXTH 88N30P
IXTT 88N30P


Similar Part No. - IXTT88N30P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT88N15 IXYS-IXTT88N15 Datasheet
125Kb / 2P
   High Current Power MOSFET
More results

Similar Description - IXTT88N30P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK102N30P IXYS-IXTK102N30P Datasheet
224Kb / 5P
   PolarHT Power MOSFET
IXTQ82N25P IXYS-IXTQ82N25P Datasheet
610Kb / 5P
   PolarHT Power MOSFET
IXTQ64N25 IXYS-IXTQ64N25 Datasheet
577Kb / 5P
   PolarHT Power MOSFET
IXTQ200N06P IXYS-IXTQ200N06P Datasheet
155Kb / 5P
   PolarHT Power MOSFET
IXTK140N20P IXYS-IXTK140N20P Datasheet
564Kb / 5P
   PolarHT Power MOSFET
IXTA62N15P IXYS-IXTA62N15P Datasheet
251Kb / 5P
   PolarHT Power MOSFET
IXTK120N25P IXYS-IXTK120N25P Datasheet
161Kb / 5P
   PolarHT Power MOSFET
IXTQ36N30P IXYS-IXTQ36N30P Datasheet
593Kb / 5P
   PolarHT Power MOSFET
IXTQ110N055P IXYS-IXTQ110N055P Datasheet
120Kb / 5P
   PolarHT Power MOSFET
IXTQ69N30 IXYS-IXTQ69N30 Datasheet
107Kb / 5P
   PolarHT Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com