Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAS-120TB1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. CAS-120TB1
Description  SLIDE SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

CAS-120TB1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CAS-120TB1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAS-120TB1 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAS-120TB1 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAS-120TB1 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAS-120TB1 Datasheet HTML 5Page - List of Unclassifed Manufacturers CAS-120TB1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SLIDE SWITCHES (SMD)
CAS
s Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
COPAL ELECTRONICS
s SOLDERING CONDITIONS
q Soldering iron
3 s maximum at 300 °C
q Vapor-phase soldering
215 °C, less than 35 s
q Infrared reflow soldering
The temperature profile shown at right is recommended for
reflow soldering. However, process carefully in case of
infrared heater, because the absoription rate of the
object may vary according to its color, material, etc. and
thus heating rate can be different. Please note that the
surface temperature of the product should not exceed
240 ˚C. When the product temperature exceeds 250 °C,
deformation may occur due to heat.
Tp
Tm
tm
Time
3~4 min
Tp
240
°C (Peak temperature)
Tm
180
°C (Melting point temperature)
tm
10 s
(Melting time)
<Taping packaging specifications>
q Taping version is packaged in 1000 pcs. per reel.
Orders will be accepted for units of 1000 pcs., i.e., 1000,
2000, 3000 pcs., etc.
q Taping version is boxed with two reels (2000 pcs.).
q Embossed tape dimensions
q Reel dimensions
(Unit: mm)
Empty
Filled
Empty
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
Head
End
Leader
2
±0.5
16.4
22.4 max.
0
+2
13
±0.2
φ
21
±0.8
φ
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the
diagrams below:
q Reel & embossed tape materials
Embossed tape: Plastic
Reel: Paper
q Embossed tape pull strength
10 N {1.02 kgf} minimum
q Peeling strength of seal tape
0.1~0.7 N {10.2~71.4 gf}
q Test method for peeling strength of seal tape
Seal cover tape
165
°~180°
Direction of feed
Carrier tape
Peel direction
(300 mm/min)
s PACKAGING SPECIFICATIONS
{ } : Reference only


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EG1201SLIDE SWITCHES 1 2 3 4 5 E-SWITCH
EG1307SLIDE SWITCHES 1 2 3 4 5 E-SWITCH
EG2219SLIDE SWITCHES 1 2 3 4 5 MoreE-SWITCH
1000Miniature Slide Switches 1 2 3 4 5 MoreITT Industries
ES01MCBESealed Tiny Slide Switches 1 2 3 4 ITT Industries
GS01MCBESealed Ultraminiature Slide Switches 1 2 ITT Industries
S101031SS03QSlide Switches 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CHS-06TA1SURFACE MOUNT TYPE SLIDE SWITCHES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LP22C21T203QMiniature Snap-in Slide Switches 1 2 3 ITT Industries
500ASUB-MINIATURE SLIDE SWITCHES 1 2 E-SWITCH

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn