Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL30US-072-292 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # TL30US-072-292
Description  STANDARD ENCAPSULATED TRANSFORMER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL30US-072-292 Datasheet(HTML) 1 Page - DB Lectro Inc

  TL30US-072-292 Datasheet HTML 1Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 2Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 3Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 4Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 5Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 6Page - DB Lectro Inc TL30US-072-292 Datasheet HTML 7Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STANDARD
ENCAPSULATED
TRANSFORMER
Power – 0.6VA to 36VA
Dielectric Strength – 3750Vrms
High ambient operation temperature (+70°C
maximum)
Primary (115V 60Hz or 230V 50Hz)
Secondary – Single or Dual
Insulation Class – Class B (130°C)
Safety Approvals – UL506, CSA C22.2 #6,
TUV / EN61558, CE
B
C
G
D
F
A
E
Fig A
Empty pin shall be omitted if necessary.
#1
PRI
#5
#9
#7
SEC
#6
#5
#1
#10
#9
#7
PRI
SEC 1
SEC 2
Single Output
Double Output
Dimension (mm)
Series
A
B
C
D
E
F
G
0.6 (VA)
32.6
27.6
15.2
4.0
0.64x0.64
5.0
20.0
1.0 (VA)
32.3
27.3
22.8
4.0
0.64x0.64
5.0
20.0
1.2 (VA)
32.3
27.3
22.8
4.0
0.64x0.64
5.0
20.0
1.5 (VA)
32.3
27.3
22.8
4.0
0.64x0.64
5.0
20.0
1.8 (VA)
32.6
27.6
27.8
4.0
0.64x0.64
5.0
20.0
2.1 (VA)
32.6
27.6
27.8
4.0
0.64x0.64
5.0
20.0
2.3 (VA)
32.6
27.6
29.8
4.0
0.64x0.64
5.0
20.0
2.4 (VA)
32.6
27.6
27.8
4.0
0.64x0.64
5.0
20.0
2.7 (VA)
32.6
27.6
29.8
4.0
0.64x0.64
5.0
20.0
2.8 (VA)
32.6
27.6
29.8
4.0
0.64x0.64
5.0
20.0
Tolerance (mm)
±0.5
±0.5
±0.5
±1.0
±0.1
±0.2
±0.5
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - TL30US-072-292

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL30 BANNER-TL30 Datasheet
807Kb / 6P
   TL30 Basic Tower Light
logo
Transko Electronics, In...
TL3002V TRANSKO-TL3002V Datasheet
452Kb / 4P
   300.00 MHz IF SAW Filter / 3.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL3007S TRANSKO-TL3007S Datasheet
452Kb / 3P
   300.00 MHz IF SAW Filter / 9.20 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016CD TI-TL3016CD Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

Similar Description - TL30US-072-292

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
TL29E DBLECTRO-TL29E Datasheet
343Kb / 6P
   LOW PROFILE ENCAPSULATED TRANSFORMER
logo
List of Unclassifed Man...
D2088 ETC2-D2088 Datasheet
226Kb / 2P
   4VA LOW PROFILE ENCAPSULATED TRANSFORMER
logo
TRIAD MAGNETICS
MET-05-T TRIAD-MET-05-T Datasheet
141Kb / 1P
   Audio Coupling Miniature Encapsulated Transformer
logo
Texas Instruments
RF-HDT-DVBE-N0 TI-RF-HDT-DVBE-N0_07 Datasheet
102Kb / 4P
[Old version datasheet]   13.56-MHz ENCAPSULATED STANDARD TRANSPONDER
RF-HDT-DVBE TI1-RF-HDT-DVBE_15 Datasheet
130Kb / 6P
[Old version datasheet]   13.56-MHz ENCAPSULATED STANDARD TRANSPONDER
logo
Littelfuse
DO-35 LITTELFUSE-DO-35 Datasheet
386Kb / 5P
   Standard Series Glass Encapsulated Thermistors
logo
Texas Instruments
RF-HDT-DVBE TI-RF-HDT-DVBE_11 Datasheet
137Kb / 5P
[Old version datasheet]   13.56-MHz ENCAPSULATED STANDARD TRANSPONDER
logo
Bel Fuse Inc.
ECO-105-24 BEL-ECO-105-24 Datasheet
656Kb / 2P
   EcoTran Standard Series Transformer
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
   Encapsulated Encapsulated Encapsulated Current Sense Transformers
logo
Astec America, Inc
AEE ASTEC-AEE Datasheet
175Kb / 2P
   Encapsulated
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com