Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U632H16SC25G1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # U632H16SC25G1
Description  PowerStore 2K x 8 nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U632H16SC25G1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  U632H16SC25G1 Datasheet HTML 1Page - List of Unclassifed Manufacturers U632H16SC25G1 Datasheet HTML 2Page - List of Unclassifed Manufacturers U632H16SC25G1 Datasheet HTML 3Page - List of Unclassifed Manufacturers U632H16SC25G1 Datasheet HTML 4Page - List of Unclassifed Manufacturers U632H16SC25G1 Datasheet HTML 5Page - List of Unclassifed Manufacturers U632H16SC25G1 Datasheet HTML 6Page - List of Unclassifed Manufacturers U632H16SC25G1 Datasheet HTML 7Page - List of Unclassifed Manufacturers U632H16SC25G1 Datasheet HTML 8Page - List of Unclassifed Manufacturers U632H16SC25G1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
U632H16
5
March 31, 2006
STK Control #ML0046
Rev 1.0
ta(A)
Previos Data Valid
Read Cycle 1: Ai-controlled (during Read cycle: E = G = VIL, W = VIH)
f
Read Cycle 2: G-, E-controlled (during Read cycle: W = VIH)
g
No.
Switching Characteristics
Write Cycle
Symbol
25
Unit
Alt. #1
Alt. #2
IEC
Min. Max.
12 Write Cycle Time
tAVAV
tAVAV
tcW
25
ns
13 Write Pulse Width
tWLWH
tw(W)
20
ns
14 Write Pulse Width Setup Time
tWLEH
tsu(W)
20
ns
15 Address Setup Time
tAVWL
tAVEL
tsu(A)
0ns
16 Address Valid to End of Write
tAVWH
tAVEH tsu(A-WH) 20
ns
17 Chip Enable Setup Time
tELWH
tsu(E)
20
ns
18 Chip Enable to End of Write
tELEH
tw(E)
20
ns
19 Data Setup Time to End of Write
tDVWH
tDVEH
tsu(D)
12
ns
20 Data Hold Time after End of Write
tWHDX
tEHDX
th(D)
0ns
21 Address Hold after End of Write
tWHAX
tEHAX
th(A)
0ns
22 W LOW to Output in High-Zh, i
tWLQZ
tdis(W)
10
ns
23 W HIGH to Output in Low-Z
tWHQX
ten(W)
5ns
ta(A)
tcR
Address Valid
tv(A)
Ai
DQi
Output
(1)
(2)
(9)
Ai
E
G
DQi
Output
tdis(E)
tcR
ta(E)
ten(E)
ten(G)
ta(G)
tdis(G)
Address Valid
Output Data Valid
High Impedance
ICC
ACTIVE
STANDBY
tPD
tPU
(1)
(3)
(4)
(5)
(7)
(6)
(8)
(10)
(11)
(2)
Output Data Valid


Similar Part No. - U632H16SC25G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U632H16S2C25G1 SIMTEK-U632H16S2C25G1 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
U632H16S2K25G1 SIMTEK-U632H16S2K25G1 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results

Similar Description - U632H16SC25G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U635H64 SIMTEK-U635H64 Datasheet
138Kb / 14P
   PowerStore 8K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com