Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7320KSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7320KSTZ
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7320KSTZ Datasheet(HTML) 4 Page - Analog Devices

  ADV7320KSTZ Datasheet HTML 1Page - Analog Devices ADV7320KSTZ Datasheet HTML 2Page - Analog Devices ADV7320KSTZ Datasheet HTML 3Page - Analog Devices ADV7320KSTZ Datasheet HTML 4Page - Analog Devices ADV7320KSTZ Datasheet HTML 5Page - Analog Devices ADV7320KSTZ Datasheet HTML 6Page - Analog Devices ADV7320KSTZ Datasheet HTML 7Page - Analog Devices ADV7320KSTZ Datasheet HTML 8Page - Analog Devices ADV7320KSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 4 of 88
DETAILED FEATURES
High definition programmable features (720p/1080i/1035i)
2× oversampling (148.5 MHz)
Internal test pattern generator
Color hatch, black bar, flat field/frame
Fully programmable YCrCb to RGB matrix
Gamma correction
Programmable adaptive filter control
Programmable sharpness filter control
CGMS-A (720p/1080i)
Enhanced definition programmable features (525p/625p)
8× oversampling (216 MHz output)
Internal test pattern generator
Color hatch, black bar, flat frame
Individual Y and PrPb output delay
Gamma correction
Programmable adaptive filter control
Fully programmable YCrCb to RGB matrix
Undershoot limiter
Macrovision Rev 1.2 (525p/625p) (ADV7320 only)
CGMS-A (525p/625p)
Standard definition programmable features
16× oversampling (216 MHz)
Internal test pattern generator
Color bars, black bar
Controlled edge rates for start and end of active video
Individual Y and PrPb output delay
Undershoot limiter
Gamma correction
Digital noise reduction (DNR)
Multiple chroma and luma filters
Luma-SSAF™ filter with programmable gain/attenuation
PrPb SSAF™
Separate pedestal control on component and
composite/S-video output
VCR FF/RW sync mode
Macrovision Rev 7.1.L1 (ADV7320 only)
CGMS/WSS
Closed captioning
Table 1. Standards Directly Supported1
Resolution
Interlace/
Prog.
Frame
Rate
(Hz)
Clk
Input
(MHz)
Standard
720 × 480
I
29.97
27
ITU-R
BT.656
720 × 576
I
25
27
ITU-R
BT.656
720 × 480
I
29.97
24.54
NTSC
Square
Pixel
720 × 576
I
25
29.5
PAL Square
Pixel
720 × 483
P
59.94
27
SMPTE
293M
720 × 483
P
59.94
27
BTA T-1004
720 × 483
P
59.94
27
ITU-R
BT.1358
720 × 576
P
50
27
ITU-R
BT.1358
720 × 483
P
59.94
27
ITU-R
BT.1362
720 × 576
P
50
27
ITU-R
BT.1362
30
74.25
1920 × 1035
I
29.97
74.1758
SMPTE
240M
60, 50,
30, 25,
24,
74.25,
1280 × 720
P
23.97,
59.94,
29.97
74.1758
SMPTE
296M
30, 25
74.25
1920 × 1080
I
29.97
74.1758
SMPTE
274M
30, 25, 24
74.25
1920 × 1080
P
23.98,
29.97,
74.1758
SMPTE
274M
1 Other standards are supported in async timing mode.


Similar Part No. - ADV7320KSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results

Similar Description - ADV7320KSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com