Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6091QM7-24V Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part No. 6091QM7-24V
Description  Oil-Tight Non-Relampable Neon-LED Indicator Lights
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CML [Chicago Miniature Lamp,inc]
Homepage  http://www.cml-it.com
Logo 

6091QM7-24V Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
6010QM, 6011QM, 6012QM, 6013QM and 6091QM Series Oil-Tight Non-Relampable
Neon-LED Indicator Lights
4-39
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
*Incorporates G2B lamp and resistor.
Underwriters Laboratories (UL) File
No. E20325 Canadian Standards Association
(CSA) File No. LR13346
Note: Also incorporates IN4004 (400 P.I.V.) rectifier diode.
Red lead positive.
All dimensions
in inches.
Lamp used
Green
Amber
Red
Lens C olor
C2A+R esistor
6012QM5*
6010QM3
6010QM1
(105-125V AC )
Model No.
Incandescent
C2A+R esistor
6013QM5*
6011QM3
6011QM1
(208-250V AC )
Model No.
Internal
Resistor
(ohms)
Yellow
Green
Red
Lens C olor
390
6091QM7-12V
6091QM5-12V
6091QM1-12V
for 12V
Model No.
LE D S olid S tateIndicator
1000
6091QM7-24V
6091QM5-24V
6091QM1-24V
for 24V
Model No.
-
4304H7
4304H5
4304H1
LE D
Incorporates
Solid-state indicator lights complete with
built-in current-limiting resistor and
rectifier diode.
Meets NEMA Class 13
Mounting: Ø.380 min. hole. Supplied with
internal tooth lock washer and hex nut.
Mounting hole pattern on page SP2.
Lens: Polycarbonate
Terminals: Quick-connect, tinned brass
.187 .020.
Bezel: Polished stainless steel. For black
finish add "X" after the series letter(s).
Gaskets: Buna-N
Housing: Black Nylon
.690
Ø.390
Ø.630
.380
.110
1.60
.500
3/8-24 T HR E AD
POLY C AR B ONAT E
BAS E :
(S UPPLIE D)
O-R ING


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
6010M1Oil-Tight Non-Relampable Neon-LED Indicator Lights 1 Chicago Miniature Lamp,inc
2990PNon-Relampable Incandescent Indicator Lights 1 Chicago Miniature Lamp,inc
1091QMNon-Relampable LED Indicator Lights 1 Chicago Miniature Lamp,inc
2990DNon-Relampable Incandescent Indicator Lights 1 Chicago Miniature Lamp,inc
1091MNon-Relampable LED Indicator Lights 1 Chicago Miniature Lamp,inc
2620TNon-Relampable Neon Indicator Lights 1 Chicago Miniature Lamp,inc
1090QANon-Relampable Neon Indicator Lights 1 Chicago Miniature Lamp,inc
1050QCNon-Relampable Neon-Incandescent Indicator Lights 1 Chicago Miniature Lamp,inc
2330QDNon-Relampable Neon-Incandescent Indicator Lights 1 Chicago Miniature Lamp,inc
1050NNon-Relampable Neon-Incandescent Indicator Lights 1 Chicago Miniature Lamp,inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn