Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


TVP5040 Datasheet(PDF) 96 Page - Texas Instruments

Part No. TVP5040
Description  NTSC/PAL Digital Video Decoder With Macrovision Detection
Download  106 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 96 page
background image
3–2
3.3.2
Analog Processing and A/D Converters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Zi
Input impedance, analog video inputs
By design
200
k
Ci
Input capacitance, analog Video inputs
By design
10
pF
Vi(pp)
Input voltage range
Ccoupling = 0.1 µF
0.50
1
1.41
V
∆G
Gain control range
– 5
5
dB
DNL
DC differential nonlinearity
A/D only
0.75
1
LSB
Frequency response
Multiburst (60 IRE)
–0.9
–3
dB
Crosstalk
6 MHz
–50
dB
Noise spectrum
Luminance ramp (100 kHz full; tilt-null)
– 57
dB
Differential phase
Modulated ramp
0.7
°(pk-pk)
Differential gain
Modulated ramp
0.5%
3.4
Timing
3.4.1
Clocks, Video Data, and Sync Timing
PARAMETER
TEST CONDITIONS
(see NOTE 2)
MIN
TYP
MAX
UNIT
Duty cycle PCLK, SCLK
40%
50%
60%
tr(1)
Rise time SCLK
10% to 90%
3
ns
tf(1)
Fall time SCLK
90% to 10%
2
ns
tr(2)
Rise time PCLK
10% to 90%
3
ns
tf(2)
Fall time PCLK
90% to 10%
2
ns
td(8)
Delay time, SCLK rising edge to PREF
5
ns
td(9)
Delay time, SCLK falling edge to PCLK
See Note 3
–2
3
ns
td(10)
Delay time, SCLK falling edge to digital outputs except PCLK,
PREF
See Note 3
–2
10
ns
NOTES:
2. CL = 50 pF
3. SCLK falling edge may occur up to 2 ns after PREF, Y, UV output transition.
SCLK
PREF
PCLK
Y, UV, AVID, HSYN,
VSYN, PALI, FID,
tr(1)
tf(1)
2.6 V
0.6 V
td(8)
td(9)
2.4 V
0.4 V
td(10)
tf(2)
tr(2)
Figure 3–1. Clocks, Video Data, and Sync Timing




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
TVP5145PFPNTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION 1 2 3 4 5 MoreTexas Instruments
TVP5147PFPNTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
TVP5146PFPNTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION 1 2 3 4 5 MoreTexas Instruments
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
SAA7327Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II 1 2 3 4 5 MoreNXP Semiconductors
SAA7151BDigital multistandard colour decoder with SCART interface DMSD2-SCART 1 2 3 4 5 MoreNXP Semiconductors
TMC22X5YAMultistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family 8 & 10 bit 1 2 3 4 5 MoreFairchild Semiconductor
AK8850NTSC Digital Video Decoder 1 2 3 4 5 MoreAsahi Kasei Microsystems

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl