Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


TVP5040 Datasheet(PDF) 74 Page - Texas Instruments

Part No. TVP5040
Description  NTSC/PAL Digital Video Decoder With Macrovision Detection
Download  106 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 74 page
background image
2–58
2.13.25 Chrominance Control 1
VIP address
11Ah
PHI address
1Ah
I2C address
1Ah
7
6
5
4
3
2
1
0
Chrominance comb filter mode
[2:0] (CM[2:0])
Color DTO reset
Chrominance adaptive
comb filter enable (ACE)
Chrominance comb
filter enable (CE)
Automatic color gain control
Table 2–18. Chrominance Comb Filter Selection
ACE
CE
CM[2]
CM[1]
CM[0]
COMB FILTER SELECTION
0
0
X
X
X
Comb filter disabled
0
1
0
0
X
Fixed 3-line comb filter with (1/4, 1/2, 1/4) coefficients
0
1
0
1
X
Fixed 3-line comb filter with (1, 0, 1) coefficients
0
1
1
X
X
Fixed 2-line comb filter
1
X
X
0
0
Adaptive between 3-line (1/4,1/2,1/4) comb filter and 2-line comb filter
1
X
X
0
1
Adaptive between 3-line (1/4,1/2,1/4) comb filter and no comb filter
(default for NTSC-M and NTSC-443)
1
X
X
1
0
Adaptive between 3-line (1,0,1) comb filter and 2-line comb filter
1
X
X
1
1
Adaptive between 3-line (1,0,1) comb filter and no comb filter (default
for PAL, M-PAL, combination-N PAL)
Color DTO reset:
0 = Color subcarrier DTO not reset. (default)
1 = Color subcarrier DTO reset
Color subcarrier DTO is reset to zero and the color subcarrier DTO bit then immediately returns to zero.
When this bit is set, the subcarrier DTO phase reset bit is transmitted on the GCLO terminal on the next occurrence
of a specified line (NTSC or PAL).
Automatic color gain control:
00 = ACC enabled (default)
01 = Reserved
10 = ACC disabled
11 = ACC frozen




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
TVP5145PFPNTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION 1 2 3 4 5 MoreTexas Instruments
TVP5147PFPNTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
TVP5146PFPNTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION 1 2 3 4 5 MoreTexas Instruments
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
SAA7327Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II 1 2 3 4 5 MoreNXP Semiconductors
SAA7151BDigital multistandard colour decoder with SCART interface DMSD2-SCART 1 2 3 4 5 MoreNXP Semiconductors
TMC22X5YAMultistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family 8 & 10 bit 1 2 3 4 5 MoreFairchild Semiconductor
AK8850NTSC Digital Video Decoder 1 2 3 4 5 MoreAsahi Kasei Microsystems

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl