Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5040 Datasheet(PDF) 73 Page - Texas Instruments

Part # TVP5040
Description  NTSC/PAL Digital Video Decoder With Macrovision Detection
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP5040 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TVP5040 Datasheet HTML 69Page - Texas Instruments TVP5040 Datasheet HTML 70Page - Texas Instruments TVP5040 Datasheet HTML 71Page - Texas Instruments TVP5040 Datasheet HTML 72Page - Texas Instruments TVP5040 Datasheet HTML 73Page - Texas Instruments TVP5040 Datasheet HTML 74Page - Texas Instruments TVP5040 Datasheet HTML 75Page - Texas Instruments TVP5040 Datasheet HTML 76Page - Texas Instruments TVP5040 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
2–57
2.13.23 Vertical Blanking VBLK Start
VIP address
118h
PHI address
18h
I2C address
18h
7
6
5
4
3
2
1
0
VBLK start
VBLK start:
0 1 1 1 1 1 1 1 = 127 lines after start of vertical blanking interval
0 0 0 0 0 0 0 1= 1 line after start of vertical blanking interval
0 0 0 0 0 0 0 0 = same time as start of vertical blanking interval (default)
1 1 1 1 1 1 1 1 = 1 line before start of vertical blanking interval
1 0 0 0 0 0 0 0 = 128 lines before start of vertical blanking interval
Vertical blanking is adjustable with respect to the standard vertical blanking intervals as shown in Table 2–17. The
setting in this register determines the timing of the GPCL signal when it is configured to output vertical blank(see
register 03). The setting in this register is also used to determine the duration of the luma bypass function (see
register 07).
Table 2–17. Vertical Blanking Interval Start and End
STANDARD
FIELD
START LINE NUMBER
END LINE NUMBER
NTSC
odd
1
21
NTSC
even
263.5
284.5
PAL
odd
623.5
23.5
PAL
even
311
335
MPAL
odd
523
21
MPAL
even
260.5
284.5
PAL (Combination N)
odd
623.5
23.5
PAL (Combination-N)
even
311
335
2.13.24 Vertical Blanking VBLK Stop
VIP address
119h
PHI address
19h
I2C address
19h
7
6
5
4
3
2
1
0
VBLK end
VBLK End:
0 1 1 1 1 1 1 1 = 127 lines after end of vertical blanking interval
0 0 0 0 0 0 0 1= 1 line after end of vertical blanking interval
0 0 0 0 0 0 0 0 = same time as end of vertical blanking interval (default)
1 1 1 1 1 1 1 1 = 1 line before end of vertical blanking interval
1 0 0 0 0 0 0 0 = 128 lines before end of vertical blanking interval
Vertical blanking is adjustable with respect to the standard vertical blanking intervals as shown in Table 2–17. The
setting in this register determines the timing of the GPCL signal when it is configured to output vertical blank(see
register 03). The setting in this register is also used to determine the duration of the luma bypass function (see
register 07).


Similar Part No. - TVP5040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
TVP5010CPFP TI1-TVP5010CPFP Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
TVP5020 TI-TVP5020 Datasheet
359Kb / 87P
[Old version datasheet]   NTSC PAL VIDEO DECODER
TVP5020CPFP TI-TVP5020CPFP Datasheet
359Kb / 87P
[Old version datasheet]   NTSC PAL VIDEO DECODER
More results

Similar Description - TVP5040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5145 TI1-TVP5145 Datasheet
754Kb / 94P
[Old version datasheet]   NTSC/PAL/SECAM/Component Digital Video Decoder With Macrovision??Detection
TVP5145PFP TI-TVP5145PFP Datasheet
525Kb / 92P
[Old version datasheet]   NTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION
TVP5146PFP TI-TVP5146PFP Datasheet
651Kb / 100P
[Old version datasheet]   NTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION
logo
Asahi Kasei Microsystem...
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
   NTSC/PAL Digital Video Decoder
logo
OKI electronic componet...
MSM7661B OKI-MSM7661B Datasheet
303Kb / 42P
   NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8855 AKM-AK8855 Datasheet
1Mb / 81P
   NTSC/PAL Digital Video Decoder
logo
OKI electronic componet...
MSM7662 OKI-MSM7662 Datasheet
472Kb / 62P
   NTSC/PAL Digital Video Decoder
MSM7664 OKI-MSM7664 Datasheet
493Kb / 76P
   NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com