Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5063JD1K000J18AF5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5063JD1K000J18AF5
Description  0.25 to 0.40 W; 1% and 5% Metal film resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5063JD1K000J18AF5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5063JD1K000J18AF5 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5063JD1K000J18AF5 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5063JD1K000J18AF5 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5063JD1K000J18AF5 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5063JD1K000J18AF5 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5063JD1K000J18AF5 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5063JD1K000J18AF5 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2000 Aug 08
2
BCcomponents
Product specification
Metal film resistors
5063JD series (space miser)
0.25 to 0.40 W; 1% and 5%
DESCRIPTION
A homogeneous film of metal alloy is deposited on a high grade BALOX ceramic body. After a helical groove has been cut
in the resistive layer, tinned connecting wires of electrolytic copper are welded to the end-caps. The resistors are coated
with a blue lacquer which provides electrical, mechanical, and climatic protection. The encapsulation is resistant to all
cleaning solvents in accordance with “MIL-STD-202E, method 215”, and “IEC 60068-2-45”.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Resistance range
0.22
Ω to 10 MΩ; see Table 1
Resistance tolerance and series
±5%, (E24); ±1%, (E24/E96)
Temperature coefficient
±100 × 10−6/K
Operation mode
normal
long term
Climatic category (LCT/UCT/days)
55/155/56
55/125/56
Max. dissipation, P70
0.40 W
0.25 W
Thermal resistance, Rth
200
°C/W
Max. continuous operating voltage, Umax
200 V (DC or RMS)
Noise R
≤ 1MΩ
max. 0.1 V/V
Surface temperature
155
°C
125
°C
Operating temperature range
−55 °C to +155 °C
−55 °C to +125 °C
Max. resistance change at P70 for resistance range,
∆R/R max., after:
1000 h
0.50%
0.25%
8000 h
1.0%
0.50%
225000 h
−1.5%
Permissible voltage against ambient:
1 minute
300 V
continuous
75 V
Stability (
∆R/R max.) after:
load (1000 hours)
±0.50% + 0.05 Ω±0.25% + 0.05 Ω
climatic test
±1.0% + 0.05 Ω
resistance to soldering heat
±0.25% + 0.05 Ω
short time overload (400 V max.)
±0.25% + 0.05 Ω


Similar Part No. - 5063JD1K000J18AF5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
More results

Similar Description - 5063JD1K000J18AF5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
logo
Vishay Siliconix
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
Revision: 15-Nov-12
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
   Metal Film Resistors, Industrial, 1%, 5% Tolerance
Revision 19-Aug-04
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
CCF55 VISHAY-CCF55 Datasheet
161Kb / 2P
   Metal Film Resistors, Industrial, 1% Tolerance
Revision 05-Oct-05
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % Tolerance
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com