Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5300E11 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part No. 5300E11
Description  T-1 3/4 Right Angle LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5300E11 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5300E11 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5300 Series T-1 3/4 Right Angle LED Assembly
1-129
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
Features
•Block mounting height and
spacing alignment saves
assembly cost and time.
•Full range of brightness.
•Available with built-in resistor
chip to eliminate the need for
external resistor, operates off
5V or 12V supply.
•TTL compatible
•Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Alternate LEDs are also available in
this package as a standard variation.
All dimensions in inches.
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
VoltageTyp.
(V)
Forward
Voltage Max.
(V)
Peak Forward
Current @ 1ms-
300pps (A)
Reverse
Break-down
Voltage Min.
(V)
Peak
Wavelength
(nm)
5300E11
5300E15
5300E17
5300H1
5300H3
5300H5
5300H6
5300H7
5308H1
5308H5
5308H7
5300H1LC
5300H5LC
5300H7LC
5302H1-5V
5302H3-5V
5302H5-5V
5302H1-12V
5302H3-12V
5302H5-12V
Red
Green
Yellow
Red
Amber
Green
Blue
Yellow
Red
Green
Yellow
Red
Green
Yellow
Red
Amber
Green
Red
Amber
Green
6.5
10
6.3
6.3
10
10
160
6.3
68
100
160
2.3
2.3
2.1
8
8
8
8
8
8
10
10
10
10
10
10
20
10
20
20
20
2
2
2
10
10
12
12
12
12
20
25
20
60
60
60
20
60
60
60
60
7
7
7
15
15
15
20
20
20
2.0
3.1
2.1
2.0
2.0
2.2
5.0
2.1
2.1
2.2
2.2
1.8
1.8
1.9
5
5
5
12.0
12.0
12.0
3.0
3.0
3.0
3.0
3.0
3.0
6.0
3.0
3.0
3.0
3.0
2.2
2.2
2.7
7.5
7.5
7.5
15.0
15.0
15.0
60
60
60
1.0
1.0
.09
-
1.0
1.0
.09
1.0
.007
.007
.007
-
-
-
-
-
-
3
3
3
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
650
563
585
650
608
563
430
585
650
563
585
635
565
585
635
583
565
635
583
565
.020
.200
.360
.210
MAX.
.200
MIN.
.130
.240
.100
.240
ANODE (+)


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
5608F1 Series T-1 Right Angle LED Assembly 1  Chicago Miniature Lamp,inc
5694F-A High Density Right Angle Mounting T-1 LED Assembly 1  Chicago Miniature Lamp,inc
5693S T-1 3 High Right Angle Shrouded LED Assembly 1  Chicago Miniature Lamp,inc
5650F1 T-1 Right Angle LED Assembly 1  Chicago Miniature Lamp,inc
5670 T-1 3/4 Right Angle 2 High LED Assembly 1  Chicago Miniature Lamp,inc
5300E1 T-1 3/4 Right Angle LED Assembly 1  Chicago Miniature Lamp,inc
5655F1 T-1 Right Angle LED Assembly 1  Chicago Miniature Lamp,inc
5644 T-1 3/4 Right Angle 4 Wide LED Assembly 1  Chicago Miniature Lamp,inc
5306H1 T-1 3/4 Right Angle LED Assembly 1  Chicago Miniature Lamp,inc
5694F1 High Density Right Angle Mounting T-1 LED Assembly 1  Chicago Miniature Lamp,inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn