Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6540 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM6540
Description  Mask Rom
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6540 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM6540 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
DC characteristics - Power Supply Pins
VDD=3.0V, T=25°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.(note5)
Max.
Unit
ACTIVE Supply Current
+25°C (note2)
IVDDa
9.0
15
μA
ACTIVE Supply Current
(in active mode)
(note2 / 3 / 4)
0°C...+60°C
IVDDa
20
μA
STANDBY Supply Current
+25°C
IVDDh
2
4
μA
STANDBY Supply Current
(in Halt mode)
(note3 / 4)
0°C...+60°C
IVDDh
7
μA
RAM data retention
Vrd
1.3
V
VDDCA regulated voltage !!
VDDCA
1.6
2.0
2.6
V
POR voltage
0°C...+60°C
VPOR
0.9
1.40
V
SVLD voltage
VSVLD
2.25
2.5
2.8
V
VDD=5.0V, T=25°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.(note5)
Max.
Unit
ACTIVE Supply Current
+25°C (note2)
IVDDa
13
18
μA
ACTIVE Supply Current
(in active mode)
(note2 / 3 / 4)
0°C...+60°C
IVDDa
20
μA
STANDBY Supply Current
+25°C
IVDDh
1.8
5
μA
STANDBY Supply Current
(in Halt mode)
(note3 / 4)
0°C...+60°C
IVDDh
10
μA
Note2: test loop with successive writing and reading of two different addresses with an inverted
values (five instructions should be reserved for this measurement),
Note3: NOT tested at temperature if delivered in chip form.
Note4: Test conditions for ACTIVE and STANDBY Supply current mode are: Qin = external
square wave, from rail to rail of Vreg (regulated voltage) with 100nF capacitor on Vreg.
fQin = 33kHz.
Note5: For current measurement typical quartz described in Operating Conditions is used.
All I/O pins without internal Pull Up/Down are pulled to VDD externally.


Similar Part No. - EM6540

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6540 EMMICRO-EM6540 Datasheet
979Kb / 9P
   This board contains the different MFP?셲
More results

Similar Description - EM6540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIS23C128A ETC1-SIS23C128A Datasheet
91Kb / 1P
   CMOS MASK ROM
logo
Macronix International
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
   64M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
logo
Macronix International
MX23L1612 MCNIX-MX23L1612 Datasheet
157Kb / 6P
   16M-BIT MASK ROM
MX23L1613 MCNIX-MX23L1613 Datasheet
182Kb / 6P
   16M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
   32M-BIT MASK ROM
logo
Macronix International
MX23L3213 MCNIX-MX23L3213 Datasheet
181Kb / 6P
   32M-BIT MASK ROM
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
   8M-BIT MASK ROM
MX23L8102 MCNIX-MX23L8102 Datasheet
156Kb / 6P
   8M-BIT MASK ROM
MX23L3214 MCNIX-MX23L3214 Datasheet
435Kb / 9P
   32M-BIT MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com