Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6540 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6540
Description  Mask Rom
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6540 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM6540 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6540 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
Watchdog metal option
The Watch-Dog timer is always active.
Watchdog metal option
Watch-Dog timer ACTIVE
Watch-Dog timer INACTIVE
W0
WD timer
x
Supply Voltage Level Detector
T= -10°C to 60°C
Symb.
Parameter
Min.
Typ.
Max.
Unit
VSVLD1
SVLD voltage Level1
2.02
2.30
2.38
V
Additional registers
In EM6504 there are two additional registers replacing metal options in EM6604.
Register
name
add
hex
add
dec
reset
value
write_bits
read_bits
Remarks
b'3210
Read/Write_bits
PaIRQedge
63
99
0000
0: PA0r
1: PA1r
2: PA2r
3: PA3r
Port A IRQ edge
1 = rising
0 = falling
PcOE
60
96
0000
0: PCoe0
1: PCoe1
2: PCoe2
3: PCoe3
Port C Output Enable
1 = output
0 = input
Because these two registers replace the metal option in EM6604 it is advised that they are written as
first two instructions in the main program and that they are executed only once. They should not be
changed later in the program because the metal options in EM6604 are fixed.
Electrical specifications
Standard Operating Conditions
Parameter
Value
Description
Temperature
0°C...+60°C
VDD
+2.0 ...+5.0V
VSS
0 V (reference)
CVDDCA
min. 100nF (note1)
Vreg switched logic supply
capacitor
fq
32768 Hz
nominal frequency
Rqs
35 kOhm
typical quartz serial resistor
CL
8.2pF
typical quartz load capacitance
df/f
+/- 30 ppm
quartz frequency tolerance
Note1: This capacitor maintains the Regulated Supply to the core when the core has been isolated
by the internal Supply switch during driving the high current outputs. The user should be
aware that the selection of this capacitor will dictate the time that the core can be isolated.


Similar Part No. - EM6540

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6540 EMMICRO-EM6540 Datasheet
979Kb / 9P
   This board contains the different MFP?셲
More results

Similar Description - EM6540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIS23C128A ETC1-SIS23C128A Datasheet
91Kb / 1P
   CMOS MASK ROM
logo
Macronix International
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
   64M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
logo
Macronix International
MX23L1612 MCNIX-MX23L1612 Datasheet
157Kb / 6P
   16M-BIT MASK ROM
MX23L1613 MCNIX-MX23L1613 Datasheet
182Kb / 6P
   16M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
   32M-BIT MASK ROM
logo
Macronix International
MX23L3213 MCNIX-MX23L3213 Datasheet
181Kb / 6P
   32M-BIT MASK ROM
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
   8M-BIT MASK ROM
MX23L8102 MCNIX-MX23L8102 Datasheet
156Kb / 6P
   8M-BIT MASK ROM
MX23L3214 MCNIX-MX23L3214 Datasheet
435Kb / 9P
   32M-BIT MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com