Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL77-5F-56 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # TL77-5F-56
Description  PCB PLUG-IN TRANSFORMER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL77-5F-56 Datasheet(HTML) 3 Page - DB Lectro Inc

  TL77-5F-56 Datasheet HTML 1Page - DB Lectro Inc TL77-5F-56 Datasheet HTML 2Page - DB Lectro Inc TL77-5F-56 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PCB PLUG-IN
TRANSFORMER
Part Number
Secondary RMS Rating
Product
Series
Single 115V
(6 Pins)
Dual 115 /230V
(8 Pins)
Series
Parallel
20VA
TL77-6F-10
TL77-6F-12
TL77-6F-16
TL77-6F-20
TL77-6F-24
TL77-6F-28
TL77-6F-36
TL77-6F-48
TL77-6F-56
TL77-6F-120
TL77-6F-10D
TL77-6F-12D
TL77-6F-16D
TL77-6F-20D
TL77-6F-24D
TL77-6F-28D
TL77-6F-36D
TL77-6F-48D
TL77-6F-56D
TL77-6F-120D
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
48V C.T.
56V C.T.
120V C.T.
@2A
@1.6A
@1.25A
@1A
@0.8A
@0.7A
@0.55A
@0.4A
@0.35A
@0.16A
5V
6.3V
8V
10V
12V
14V
18V
24V
28V
60V
@4A
@3.2A
@2.5A
@2A
@1.6A
@1.4A
@1.1A
@0.8A
@0.7A
@0.32A
36VA
TL77-7F-10
TL77-7F-12
TL77-7F-16
TL77-7F-20
TL77-7F-24
TL77-7F-28
TL77-7F-36
TL77-7F-48
TL77-7F-56
TL77-7F-120
TL77-7F-10D
TL77-7F-12D
TL77-7F-16D
TL77-7F-20D
TL77-7F-24D
TL77-7F-28D
TL77-7F-36D
TL77-7F-48D
TL77-7F-56D
TL77-7F-120D
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
48V C.T.
56V C.T.
120V C.T.
@3.6A
@2.85A
@2.25A
@1.8A
@1.5A
@1.3A
@1A
@0.75A
@0.65A
@0.3A
5V
6.3V
8V
10V
12V
14V
18V
24V
28V
60V
@7.2A
@5.7A
@4.5A
@3.6A
@3A
@2.6A
@1A
@1.5A
@1.3A
@0.6A
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
DB LECTRO Inc.


Similar Part No. - TL77-5F-56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL77-AC STMICROELECTRONICS-TL77-AC Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
TL77-AC STMICROELECTRONICS-TL77-AC Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
TL77-AI STMICROELECTRONICS-TL77-AI Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
TL77-AI STMICROELECTRONICS-TL77-AI Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TL77-5F-56

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1017620000 WEIDMULLER-1017620000 Datasheet
75Kb / 4P
   PCB plug-in connectors
logo
TE Connectivity Ltd
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
logo
Weidmuller
1483050000 WEIDMULLER-1483050000 Datasheet
131Kb / 2P
   PCB plug-in connector, Accessories
logo
WAGO Kontakttechnik Gmb...
855-305-050-103 WAGO-855-305-050-103 Datasheet
577Kb / 6P
   Plug-in current transformer; Primary rated current
855-305-100-209 WAGO-855-305-100-209 Datasheet
597Kb / 5P
   Plug-in current transformer; Primary rated current
logo
Weidmuller
1043870000 WEIDMULLER-1043870000 Datasheet
1Mb / 11P
   PCB plug-in connector, female plug, 7.62 mm
September 16, 2021
1043820000 WEIDMULLER-1043820000 Datasheet
1Mb / 11P
   PCB plug-in connector, female plug, 7.62 mm
September 17, 2021
logo
WAGO Kontakttechnik Gmb...
855-305-060-101 WAGO-855-305-060-101 Datasheet
577Kb / 6P
   Plug-in current transformer; Primary rated current
logo
Weidmuller
1043800000 WEIDMULLER-1043800000 Datasheet
1Mb / 11P
   PCB plug-in connector, female plug, 7.62 mm
September 16, 2021
logo
American Electronic Com...
DG84 AEC-DG84 Datasheet
269Kb / 3P
   micro plug-in/pcb automotive relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com