Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL29X-012-0166 Datasheet(PDF) 5 Page - DB Lectro Inc

Part # TL29X-012-0166
Description  LOW PROFILE ENCAPSULATED TRANSFORMER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL29X-012-0166 Datasheet(HTML) 5 Page - DB Lectro Inc

  TL29X-012-0166 Datasheet HTML 1Page - DB Lectro Inc TL29X-012-0166 Datasheet HTML 2Page - DB Lectro Inc TL29X-012-0166 Datasheet HTML 3Page - DB Lectro Inc TL29X-012-0166 Datasheet HTML 4Page - DB Lectro Inc TL29X-012-0166 Datasheet HTML 5Page - DB Lectro Inc TL29X-012-0166 Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LOW PROFILE
ENCAPSULATED
TRANSFORMER
Secondary RMS Rating
Series
Part Number
Input Voltage
(V)
Series
Parallel
8VA
TL29X-005-0800
TL29X-006-0666
TL29X-008-0500
TL29X-009-0444
TL29X-010-0400
TL29X-012-0333
TL29X-015-0266
TL29X-017-0235
TL29X-018-0222
TL29X-020-0200
TL29X-021-0190
TL29X-024-0166
TL29X-028-0143
TL29X-115-0035
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V
12V
16V
18V
20V
24V
30V
34V
36V
40V
42V
48V
56V
230V
@800mA
@666mA
@500mA
@444mA
@400mA
@333mA
@266mA
@235mA
@222mA
@200mA
@190mA
@166mA
@143mA
@35mA
5V
6V
8V
9V
10V
12V
15V
17V
18V
20V
21V
24V
28V
115V
@1600mA
@1332mA
@1000mA
@888mA
@800mA
@666mA
@532mA
@470mA
@444mA
@400mA
@380mA
@332mA
@286mA
@70mA
10VA
TL29X-005-1000
TL29X-006-0833
TL29X-008-0625
TL29X-009-0555
TL29X-010-0500
TL29X-012-0416
TL29X-015-0333
TL29X-017-0294
TL29X-018-0277
TL29X-020-0250
TL29X-021-0238
TL29X-024-0208
TL29X-028-0179
TL29X-115-0043
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V
12V
16V
18V
20V
24V
30V
34V
36V
40V
42V
48V
56V
230V
@1000mA
@833mA
@625mA
@555mA
@500mA
@416mA
@333mA
@294mA
@277mA
@250mA
@238mA
@208mA
@179mA
@43mA
5V
6V
8V
9V
10V
12V
15V
17V
18V
20V
21V
24V
28V
115V
@2000mA
@1666mA
@1250mA
@1110mA
@1000mA
@832mA
@666mA
@588mA
@554mA
@500mA
@476mA
@416mA
@358mA
@86mA
10VA
TL39X-005-1000
TL39X-006-0833
TL39X-008-0625
TL39X-009-0555
TL39X-010-0500
TL39X-012-0416
TL39X-015-0333
TL39X-017-0294
TL39X-018-0277
TL39X-020-0250
TL39X-021-0238
TL39X-024-0208
TL39X-028-0179
TL39X-115-0043
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V
12V
16V
18V
20V
24V
30V
34V
36V
40V
42V
48V
56V
230V
@1000mA
@833mA
@625mA
@555mA
@500mA
@416mA
@333mA
@294mA
@277mA
@250mA
@238mA
@208mA
@179mA
@43mA
5V
6V
8V
9V
10V
12V
15V
17V
18V
20V
21V
24V
28V
115V
@2000mA
@1666mA
@1250mA
@1110mA
@1000mA
@832mA
@666mA
@588mA
@554mA
@500mA
@476mA
@416mA
@358mA
@86mA
14VA
TL39X-005-1400
TL39X-006-1167
TL39X-008-0875
TL39X-009-0777
TL39X-010-0700
TL39X-012-0583
TL39X-015-0466
TL39X-017-0412
TL39X-018-0388
TL39X-020-0350
TL39X-021-0333
TL39X-024-0291
TL39X-028-0250
TL39X-115-0060
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V
12V
16V
18V
20V
24V
30V
34V
36V
40V
42V
48V
56V
230V
@1400mA
@1167mA
@875mA
@777mA
@700mA
@583mA
@466mA
@412mA
@388mA
@350mA
@333mA
@291mA
@250mA
@60mA
5V
6V
8V
9V
10V
12V
15V
17V
18V
20V
21V
24V
28V
115V
@2800mA
@2334mA
@1750mA
@1554mA
@1400mA
@1166mA
@932mA
@824mA
@776mA
@700mA
@666mA
@582mA
@500mA
@120mA
DB LECTRO Inc.
3600 boul. Matte suite i Brossarc Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - TL29X-012-0166

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL297002AV TRANSKO-TL297002AV Datasheet
634Kb / 4P
   297.00 MHz IF SAW Filter / 2.95 MHz Bandwidth
Revision 0: 25 Jul. 2012
More results

Similar Description - TL29X-012-0166

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2088 ETC2-D2088 Datasheet
226Kb / 2P
   4VA LOW PROFILE ENCAPSULATED TRANSFORMER
logo
DB Lectro Inc
TL30S-060-100 DBLECTRO-TL30S-060-100 Datasheet
398Kb / 7P
   STANDARD ENCAPSULATED TRANSFORMER
logo
TRIAD MAGNETICS
MET-05-T TRIAD-MET-05-T Datasheet
141Kb / 1P
   Audio Coupling Miniature Encapsulated Transformer
logo
List of Unclassifed Man...
TL1220 ETC-TL1220 Datasheet
100Kb / 1P
   LOW PROFILE HYBRID TRANSFORMER
logo
Allied Components Inter...
TLP24-250 ALLIED-TLP24-250 Datasheet
2Mb / 1P
   Low Profile Power Transformer
logo
Wabash Transformer Inc.
UI-25-10 WABASH-UI-25-10 Datasheet
704Kb / 2P
   Low Profile Power Transformer
logo
Rhombus Industries Inc.
T-31008 RHOMBUS-IND-T-31008 Datasheet
28Kb / 1P
   Low Profile Coupling Transformer
logo
Allied Components Inter...
TDBS24-1250 ALLIED-TDBS24-1250 Datasheet
720Kb / 1P
   Low Profile Power Transformer
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com