Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL35-0070-048 Datasheet(PDF) 5 Page - DB Lectro Inc

Part # TL35-0070-048
Description  TOROIDAL TRANSFORMER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL35-0070-048 Datasheet(HTML) 5 Page - DB Lectro Inc

  TL35-0070-048 Datasheet HTML 1Page - DB Lectro Inc TL35-0070-048 Datasheet HTML 2Page - DB Lectro Inc TL35-0070-048 Datasheet HTML 3Page - DB Lectro Inc TL35-0070-048 Datasheet HTML 4Page - DB Lectro Inc TL35-0070-048 Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TOROIDAL
TRANSFORMER
Secondary RMS Rating
Product
Series
Part Number
Input Voltage
(V)
Series
Parallel
250VA
TL35-2500-024
TL35-2500-030
TL35-2500-036
TL35-2500-044
TL35-2500-048
TL35-2500-060
TL35-2500-066
TL35-2500-070
TL35-2500-076
TL35-2500-110
TL35-2500-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
60V C.T.
66V C.T.
70V C.T.
76V C.T.
110V C.T.
230V C.T.
@10.41A
@8.33A
@6.94A
@5.68A
@5.20A
@4.16A
@3.78A
@3.57A
@3.28A
@2.27A
@1.08A
12V
15V
18V
22V
24V
30V
33V
35V
38V
55V
115V
@20.82A
@16.66A
@13.88A
@11.36A
@10.40A
@8.32A
@7.56A
@7.14A
@6.56A
@4.54A
@2.16A
300VA
TL35-3000-030
TL35-3000-036
TL35-3000-048
TL35-3000-060
TL35-3000-066
TL35-3000-070
TL35-3000-076
TL35-3000-090
TL35-3000-110
TL35-3000-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
30V C.T.
36V C.T.
48V C.T.
60V C.T.
66V C.T.
70V C.T.
76V C.T.
90V C.T.
110V C.T.
230V C.T.
@10.00A
@8.33A
@6.25A
@5.00A
@4.54A
@4.28A
@3.94A
@3.33A
@2.72A
@1.30A
15V
18V
24V
30V
33V
35V
38V
45V
55V
115V
@20.00A
@16.66A
@12.50A
@10.00A
@9.08A
@8.56A
@7.88A
@6.66A
@5.44A
@2.60A
400VA
TL35-4000-048
TL35-4000-060
TL35-4000-066
TL35-4000-070
TL35-4000-076
TL35-4000-090
TL35-4000-110
TL35-4000-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
48V C.T.
60V C.T.
66V C.T.
70V C.T.
76V C.T.
90V C.T.
110V C.T.
230V C.T.
@8.33A
@6.66A
@6.06A
@5.71A
@5.26A
@4.44A
@3.63A
@1.73A
24V
30V
33V
35V
38V
45V
55V
115V
@16.66A
@13.32A
@12.12A
@11.42A
@10.52A
@8.88A
@7.26A
@3.46A
500VA
TL35-5000-048
TL35-5000-060
TL35-5000-066
TL35-5000-070
TL35-5000-076
TL35-5000-090
TL35-5000-110
TL35-5000-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
48V C.T.
60V C.T.
66V C.T.
70V C.T.
76V C.T.
90V C.T.
110V C.T.
230V C.T.
@10.41A
@8.33A
@7.57A
@7.14A
@6.57A
@5.55A
@4.54A
@2.17A
24V
30V
33V
35V
38V
45V
55V
115V
@20.83A
@16.66A
@15.14A
@14.28A
@13.14A
@11.10A
@9.08A
@4.34A
DB LECTRO Inc.
3600 boul. Matte suite i Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - TL35-0070-048

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL35001AV2 TRANSKO-TL35001AV2 Datasheet
443Kb / 3P
   350.00 MHz IF SAW Filter / 1.96 MHz Bandwidth
Revision 0: 18 Jul. 2012
TL35006AS2 TRANSKO-TL35006AS2 Datasheet
464Kb / 4P
   350.00 MHz IF SAW Filter / 6.50 MHz Bandwidth
Revision 0: 18 Jul. 2012
TL3503AV TRANSKO-TL3503AV Datasheet
398Kb / 3P
   35.00 MHz IF SAW Filter / 2.8 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL35071AD TI-TL35071AD Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL35071ADR TI-TL35071ADR Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TL35-0070-048

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
X-0650-249 PREMO-X-0650-249 Datasheet
268Kb / 2P
   Toroidal Transformer
logo
Coilcraft lnc.
Q3903-AL COILCRAFT-Q3903-AL Datasheet
123Kb / 1P
   Toroidal Transformer
logo
Beijing Yaohuadechang E...
PTC10 YHDC-PTC10 Datasheet
5Mb / 1P
   PCB toroidal transformer
logo
List of Unclassifed Man...
LTC0157 ETC1-LTC0157 Datasheet
160Kb / 1P
   TOROIDAL COIL TRANSFORMER
logo
Beijing Yaohuadechang E...
PTC15 YHDC-PTC15 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC7 YHDC-PTC7 Datasheet
1Mb / 1P
   PCB toroidal transformer
logo
MPS Industries, Inc.
P8TA MPSIND-P8TA Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TC MPSIND-P8TC Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TD MPSIND-P8TD Datasheet
43Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TB MPSIND-P8TB Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com