Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP-UART-IC Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TP-UART-IC
Description  TP-UART-IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP-UART-IC Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TP-UART-IC Datasheet HTML 3Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 4Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 5Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 6Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 7Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 8Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 9Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 10Page - Siemens Semiconductor Group TP-UART-IC Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TP-UART-IC
The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All
rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes
reserved.
25.15.10.41.33a
25.10.01
page
7
1.2.11 Interface Pin TxD (Pin 1)
The UART interface output pin TxD transmits the information to host controller. The high
output level is derived from external voltage supply VIF. This pin is ESD protected to VB-
and VIF.
In normal mode: LOW pulse at EIB bus
à TxD3 = HIGH à TxD = LOW
In analog mode: LOW pulse at EIB bus
à TxD3 = HIGH à TxD = HIGH
Symbol
Parameter
Min
Max
Unit
Note
VOH
output voltage high
VIF - 0.8
V
IOH = -5 mA
VOL
output voltage low
0.5
V
IOL = 5 mA
tr, tf
rise time, fall time (10 %
↔ 90 %)
100
ns
CL = 150 pF
1.2.12 Reset Pin RESn (Pin 2)
This pin is an I / O pin with internal pull - up resistor to VIF.
In case of a reset the reset pin RESn delivers an active LOW signal to external host
controller. The output driver is realized as open drain (NMOS - transistor). The reset state
RESn = LOW can be caused by an internal RESET or by an external RESET due to forcing
an active LOW to the pin RESn. The switching levels are derived from external voltage
supply VIF. This pin is ESD protected to VB - and VIF.
Symbol Parameter
Min
Max
Unit
Note
RPullUp
value of internal pull-up resistor to VIF
10
25
k
VRESmax
maximum voltage at RES pin
VIF + 0.5
V
VIL
voltage range for input low level
0
0.2 * VIF
VIH
voltage range for input high level
0.8 * VIF
1.0 * VIF
Vhyst
hysteresis for switching level
0.1 * VIF
0.4 * VIF
1)
VOL
output low voltage at 1V <= VCC < 4 V, IOL = 1 mA
0.2
V
VOL
output low voltage at VCC <= 1V, VIF > 3 V,
IOL = 1 mA
0.2
V
VOL
output low voltage at VCC >= 4 V, IOL = 3 mA
0.4
V
1) Switching level appr. VIF/2, i.e. VIF/2
±V
hyst/2
1.2.13 Save PIN SAVE (Pin 5)
This pin is an NMOS open drain output with internal pullup resistor to VIF.
In case of break-down of the bus voltage for more than typ. 1.5 ms (save condition) this pin
delivers an active LOW signal to external host electronic. This pin is ESD protected to VB-
and VIF.
Symbol
Parameter
Min
Max
Unit
Note
RPullUp
Value of internal pull-up resistor to VIF
10
25
k
Vmax
maximum voltage at SAVE pin
VIF + 0.5
V
VOL
Output LOW voltage at VCC >= 4V
0.4
V
IOL = 3 mA
tFRG2
Delay from VB+ break-down to SAVE= LOW
0.7
3
ms
Typ. 1.5 ms
In order to reach a Buffertime of at least 60 ms for VCC (IVCC
≤10 mA) the capacitor at VSP has to
be 470
µF ±20 %


Similar Part No. - TP-UART-IC

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP-100 ASTRODYNE-TP-100 Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
322Kb / 2P
   100W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-100 RSG-TP-100 Datasheet
143Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
331Kb / 2P
   100W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-100A ASTRODYNE-TP-100A Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
More results

Similar Description - TP-UART-IC

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
   USB UART IC
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
   USB UART IC
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
   USB UART IC
logo
Infineon Technologies A...
TLE9015QU INFINEON-TLE9015QU Datasheet
277Kb / 5P
   BMS Transceiver IC - UART toiso UART
2020-05-20
logo
Future Technology Devic...
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
   USB UART IC
Version 1.0
logo
Infineon Technologies A...
TLE9015DQU INFINEON-TLE9015DQU Datasheet
967Kb / 26P
   iso UART transceiver IC
Rev. 1.0 2022-01-24
logo
Future Technology Devic...
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
   (USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
   USB to BASIC UART IC
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com