Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F398 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F398
Description  Registers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F398 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F398 Datasheet HTML 2Page - NXP Semiconductors 74F398 Datasheet HTML 3Page - NXP Semiconductors 74F398 Datasheet HTML 4Page - NXP Semiconductors 74F398 Datasheet HTML 5Page - NXP Semiconductors 74F398 Datasheet HTML 6Page - NXP Semiconductors 74F398 Datasheet HTML 7Page - NXP Semiconductors 74F398 Datasheet HTML 8Page - NXP Semiconductors 74F398 Datasheet HTML 9Page - NXP Semiconductors 74F398 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74F398*,74F399
Registers
1999 Jan 08
7
* Discontinued part. Please see the Discontinued Products List..
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-Pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC ELECTRICAL CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC ELECTRICAL CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
SF00006


Similar Part No. - 74F398

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F398 NSC-74F398 Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F398 FAIRCHILD-74F398 Datasheet
105Kb / 9P
   Quad 2-Port Register
logo
Texas Instruments
74F398 TI1-74F398 Datasheet
429Kb / 12P
[Old version datasheet]   54F398 54F399 74F398 74F399 Quad 2-Port Register
logo
National Semiconductor ...
74F398PC NSC-74F398PC Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F398PC FAIRCHILD-74F398PC Datasheet
105Kb / 9P
   Quad 2-Port Register
More results

Similar Description - 74F398

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
logo
Fairchild Semiconductor
74F652 FAIRCHILD-74F652 Datasheet
71Kb / 8P
   Transceivers/Registers
logo
National Semiconductor ...
54F651SDM NSC-54F651SDM Datasheet
188Kb / 10P
   Transceivers/Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
logo
Fairchild Semiconductor
74F651 FAIRCHILD-74F651 Datasheet
73Kb / 8P
   Transceivers/Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
logo
National Semiconductor ...
DM54S195 NSC-DM54S195 Datasheet
135Kb / 6P
   Shift Registers
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com