Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

636M2C Datasheet(PDF) 2 Page - CTS Corporation

Part # 636M2C
Description  CMOS/TTL CLOCK OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

636M2C Datasheet(HTML) 2 Page - CTS Corporation

  636M2C Datasheet HTML 1Page - CTS Corporation 636M2C Datasheet HTML 2Page - CTS Corporation 636M2C Datasheet HTML 3Page - CTS Corporation 636M2C Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0250-0
Page 2 - 4
Rev. C
٠ ٠ ٠ CTS Communications Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ 630-924-3500 ٠ ٠ ٠
Model 636
5x3.2mm Low Cost
CMOS/TTL Clock Oscillator
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
7.0
V
Storage Temperature
TSTG
-
-55
-
125
°C
Frequency Range
fO
-
1.0
-
125
MHz
Frequency Stability
(See Note 1 and Ordering Information)
∆f/fO
-
-
-
20,25,50
or 100
± ppm
Operating Temperature
Commercial
-20
70
Industrial
TA
-
-40
25
85
°C
Supply Voltage
Model 636M
1.62
1.8
1.98
Model 636N
2.25
2.5
2.75
Model 636L
2.97
3.3
3.63
Model 636S
VCC
± 10 %
4.50
5.0
5.50
V
Supply Current
Model 636M
1.0 MHz to 20 MHz
CL=15pF
20.1 MHz to 50 MHz
CL=15pF
50.1 MHz to 125 MHz
CL=15pF
-
-
-
-
-
-
5
15
20
Model 636N & 636L
1.0 MHz to 20 MHz
CL=15pF
20.1 MHz to 50 MHz
CL=15pF
50.1 MHz to 125 MHz
CL=15pF
-
-
-
-
-
-
7
15
20
Model 636S
ICC
1.0 MHz to 20 MHz
CL=15pF
20.1 MHz to 50 MHz
CL=15pF
50.1 MHz to 125 MHz
CL=15pF
-
-
-
-
-
-
10
30
40
mA
Output Load
Model 636M
1.0 MHz to 125 MHz
-
-
15
Model 636N & 636L
1.0 MHz to 50 MHz
50.1 MHz to 125 MHz
-
-
-
-
30
15
Model 636S
CL
1.0 MHz to 50 MHz
50.1 MHz to 80 MHz
80.1 MHz to 125 MHz
-
-
-
-
50
30
15
pF
Output Voltage Levels
Logic '1' Level
VOH
CMOS Load
90%VCC
-
-
Logic '0' Level
VOL
CMOS Load
-
-
10%VCC
V
Output Current
Logic '1' Level (M,N,L,S)
IOH
VOH = 90%VCC
-
-
-0, -4,
-8, -16
Logic '0' Level (M,N,L,S)
IOL
VOL = 10%VCC
-
-
+2, +4,
+8, +16
mA
Output Duty Cycle
SYM
@ 50% Level
45
-
55
%
Rise and Fall Time
@ 10% - 90% Levels
Model 636M, 636N & 636L
1.0 MHz to 20 MHz
CL=15pF
20.1 MHz to 50 MHz
CL=15pF
50.1 MHz to 125 MHz
CL=15pF
-
-
-
8
4
2.5
10
6
3
Model 636S
TR, TF
1.0 MHz to 20 MHz
CL=15pF
20.1 MHz to 50 MHz
CL=15pF
50.1 MHz to 125 MHz
CL=15pF
-
-
-
6
3
1.5
8
5
2
ns
Start Up Time
TS
Application of VCC
-
-
10
ms
Enable Function
Enable Input Voltage
Model 636M
Pin 1 Logic '1', Output Enabled
1.26
-
-
Model 636N
Pin 1 Logic '1', Output Enabled
1.75
-
-
Model 636L
Pin 1 Logic '1', Output Enabled
2.0
-
-
Model 636S
VIH
Pin 1 Logic '1', Output Enabled
4.0
-
-
Disable Input Voltage
Model 636M,N,L
Pin 1 Logic '0', Output Disabled
-
-
0.5
Model 636S
VIL
Pin 1 Logic '0', Output Disabled
0.8
V
Enable Time (M,N,L,S)
TPLZ
Pin 1 Logic '1'
-
-
10
ms
Phase Jitter
tjms
Bandwidth 12 KHz - 20 MHz
-
< 1
-
ps RMS
Notes:
1. Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and first year aging at an average operating temperature
of +40 °C.


Similar Part No. - 636M2C

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
636 MALLORY-636 Datasheet
156Kb / 1P
   4-Stage RPM Activated Switch
logo
Oscilent Corporation
636 OSCILENT-636 Datasheet
141Kb / 2P
   Low Frequencies
logo
List of Unclassifed Man...
636 ETC2-636 Datasheet
61Kb / 1P
   Bright back lit LCD
logo
Oscilent Corporation
636-680K OSCILENT-636-680K Datasheet
141Kb / 2P
   Low Frequencies
logo
Molex Electronics Ltd.
63600-0021 MOLEX-63600-0021 Datasheet
544Kb / 6P
   FineAdjust Applicator for Ultra-Fit Tangless Crimp Terminals
04-26-22
More results

Similar Description - 636M2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
SXO1000T WK-SXO1000T Datasheet
44Kb / 1P
   TTL CLOCK-OSCILLATOR
logo
Fox Electronics
F1100H FOX-F1100H Datasheet
119Kb / 1P
   TTL CLOCK OSCILLATOR
logo
CTS Corporation
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
   HCMOS/TTL Clock Oscillator
logo
Vectron International, ...
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
   Hybrid TTL Clock Oscillator
logo
CTS Corporation
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
logo
Fox Electronics
F1100E FOX-F1100E Datasheet
87Kb / 1P
   5.0V TTL CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com