Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74ALVCH16721 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74ALVCH16721
Description  3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH16721 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74ALVCH16721 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH16721 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH16721 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH16721 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH16721 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH16721 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH16721
3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
1
JANUARY 2004
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2004 Integrated Device Technology, Inc.
DSC-4747/2
FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
•VCC = 2.5V ± 0.2V
• CMOS power levels (0.4
µµµµµ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in SSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS:
• 3.3V high speed systems
• 3.3V and lower voltage computing systems
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Low switching noise
IDT74ALVCH16721
3.3V CMOS 20-BIT
FLIP-FLOP WITH 3-STATE
OUTPUTS AND BUS-HOLD
DESCRIPTION:
This20-bitflip-flopisbuiltusingadvanceddualmetalCMOStechnology.The
20 flip-flops of the ALVCH16721 are edge-triggered D-type flip-flops with
qualifiedclockstorage.Onthepositivetransitionoftheclock(CLK)input,the
deviceprovidestruedataattheQoutputsiftheclock-enable(CLKEN)input
is low. If CLKEN is high, no data is stored.
Abufferedoutput-enable(OE)inputplacesthe20outputsineitheranormal
logicstate(highorlow)orahigh-impedancestate.Inthehigh-impedancestate,
the outputs neither load nor drive the bus lines significantly. The high-
impedancestateandincreaseddriveprovidethecapabilitytodrivebuslines
withoutneedforinterfaceorpullupcomponents.OEdoesnotaffecttheinternal
operationoftheflip-flops.Olddatacanberetainedornewdatacanbeentered
whiletheoutputsareinthehigh-impedancestate.
The ALVCH16721 has been designed with a ±24mA output driver. This
driveriscapableofdrivingamoderatetoheavyloadwhilemaintainingspeed
performance.
The ALVCH16721 has “bus-hold” which retains the inputs’ last state
whenevertheinputgoestoahighimpedance. Thispreventsfloatinginputs
andeliminatestheneedforpull-up/downresistor.
CLK
OE
CLKE N
D1
1
56
29
55
CE
C1
1D
2
Q1
TO 19 OTHER CHAN NELS


Similar Part No. - IDT74ALVCH16721

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74ALVCH16721 RENESAS-IDT74ALVCH16721 Datasheet
239Kb / 7P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
More results

Similar Description - IDT74ALVCH16721

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74ALVCH16721 RENESAS-IDT74ALVCH16721 Datasheet
239Kb / 7P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
logo
Integrated Device Techn...
IDT74ALVCH162721 IDT-IDT74ALVCH162721 Datasheet
111Kb / 6P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH32374 RENESAS-IDT74ALVCH32374 Datasheet
269Kb / 8P
   3.3V CMOS 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2009
IDT74ALVCH162374 RENESAS-IDT74ALVCH162374 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
logo
Pericom Semiconductor C...
PI74ALVCH16721 PERICOM-PI74ALVCH16721 Datasheet
271Kb / 5P
   3.3V 20-Bit Flip-Flop with 3-STATE Outputs
logo
Integrated Device Techn...
IDT74ALVCH162827 IDT-IDT74ALVCH162827 Datasheet
65Kb / 6P
   3.3V CMOS 20-BIT BUFFER/ DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCHR162245 RENESAS-IDT74ALVCHR162245 Datasheet
274Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com