Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL66-2F-56 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # TL66-2F-56
Description  TWIN-BOBBIN TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL66-2F-56 Datasheet(HTML) 1 Page - DB Lectro Inc

  TL66-2F-56 Datasheet HTML 1Page - DB Lectro Inc TL66-2F-56 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TWIN-BOBBIN
TRANSFORMER
TWIN-BOBBIN TRANSFORMER
TL66 Series
Power – 2VA to 48VA
Dielectric Strength – 1500Vrms
Primary – Dual primary (115V/230V
50/60Hz)
Secondary – Series or parallel
Insulation Class – Class F (155°C)
Safety Approvals – UL506, CSA C22.2
#66
Dimension (mm)
Product
Series
A
B
C
D
E
F
G
H
I
J
K
2 (VA)
47.5
39.6
16.5
6.35
0.5
×0.8
9.5
9.5
40.6
41.24
22.2
∅2.8
6 (VA)
47.5
39.6
21.6
6.35
0.5
×0.8
9.5
9.5
40.6
41.24
22.2
∅2.8
12 (VA)
63.5
50.8
27.0
6.35
0.5
×0.8
12.7
12.7
50.8
50.8
25.7
∅3.5
48 (VA)
80.0
63.5
34.4
6.35
1.0
×1.0 15.24
16.8
55.4
64
32
∅4.5
Tolerance (mm)
±1.0
±1.0
±1.0
±1.0
±0.1
±0.2
±0.3
±0.5
±0.5
±0.5
max.
Note : Dimension “E” is pin size, and dimension “K” is the maximum allowable screw size.
DB LECTRO Inc.
3600 boul. Matte suite iBrossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - TL66-2F-56

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL6 TIMOTION-TL6 Datasheet
545Kb / 6P
   Max. load 700N (push)
20220517-G
logo
STMicroelectronics
TL6006 STMICROELECTRONICS-TL6006 Datasheet
262Kb / 4P
   SCR
March 1995
logo
Texas Instruments
TL601 TI-TL601 Datasheet
307Kb / 6P
[Old version datasheet]   P MOS ANALOG SWITCHES
logo
Transko Electronics, In...
TL6011V TRANSKO-TL6011V Datasheet
572Kb / 4P
   60.00 MHz IF SAW Filter / 12.0 MHz Bandwidth
Revision 1: 15 Nov. 2007
logo
Texas Instruments
TL601CP TI1-TL601CP Datasheet
125Kb / 9P
[Old version datasheet]   P-MOS ANALOG SWITCHES
More results

Similar Description - TL66-2F-56

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
TL88-025-10 DBLECTRO-TL88-025-10 Datasheet
189Kb / 2P
   SPLIT-BOBBIN TRANSFORMER
logo
Wabash Transformer Inc.
PSX-012-10 WABASH-PSX-012-10 Datasheet
668Kb / 2P
   Split Bobbin Power Transformer
P24H-11-24 WABASH-P24H-11-24 Datasheet
512Kb / 1P
   Split Bobbin Isolation Transformer
P24X-24-24 WABASH-P24X-24-24 Datasheet
535Kb / 1P
   Split Bobbin Isolation Transformer
PSH-11-10 WABASH-PSH-11-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
logo
PowerVolt Inc.
DSZ3-24 POWERVOLT-DSZ3-24 Datasheet
104Kb / 1P
   Split Bobbin Printed Circuit Power Transformer
logo
FERYSTER Inductive Comp...
EFD-20-K-H-10P FERYSTER-EFD-20-K-H-10P Datasheet
93Kb / 1P
   EFD Bobbin
EFD-15-K-10P-4S FERYSTER-EFD-15-K-10P-4S Datasheet
112Kb / 1P
   EFD Bobbin
EFD-25-K-10P-EP FERYSTER-EFD-25-K-10P-EP Datasheet
187Kb / 1P
   EFD Bobbin
EFD-20-K-8P FERYSTER-EFD-20-K-8P Datasheet
64Kb / 1P
   EFD Bobbin
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com