Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F395 Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. 74F395
Description  4-bit cascadable shift register 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F395 Datasheet(HTML) 7 Page - NXP Semiconductors

  74F395 Datasheet HTML 1Page - NXP Semiconductors 74F395 Datasheet HTML 2Page - NXP Semiconductors 74F395 Datasheet HTML 3Page - NXP Semiconductors 74F395 Datasheet HTML 4Page - NXP Semiconductors 74F395 Datasheet HTML 5Page - NXP Semiconductors 74F395 Datasheet HTML 6Page - NXP Semiconductors 74F395 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Philips Semiconductors
Product specification
74F395
4-bit cascadable shift register (3-State)
1990 Oct 23
7
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs and
Totem-Pole Output (Qs)
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00957
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LS395A 4-BIT CASCADABLE SHIFT REFISTERS WITH 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN54LS395 4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS 1  2  3  4  5  More Motorola, Inc
SN54LS194A 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER 1  2  3  4  5  More Motorola, Inc
74HC195 4-bit parallel access shift register 1  2  3  4  5  More NXP Semiconductors
HD14015B Dual 4-bit Static Shift Register 1  2  3  4  5  More Hitachi Semiconductor
M66312P 16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCHED 3-STATE OUTPUTS 1  2  3  4  5  Mitsubishi Electric Semiconductor
SN74ALVC162831 1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN54LS195A UNIVERSAL 4-BIT SHIFT REGISTER 1  2  3  4  5  More Motorola, Inc
HEF4015B Dual 4-bit static shift register 1  2  3  4  5  NXP Semiconductors
74LS194A 4-Bit Bidirectional Universal Shift Register 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn