Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F395 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F395
Description  4-bit cascadable shift register 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F395 Datasheet(HTML) 6 Page - NXP Semiconductors

  74F395 Datasheet HTML 1Page - NXP Semiconductors 74F395 Datasheet HTML 2Page - NXP Semiconductors 74F395 Datasheet HTML 3Page - NXP Semiconductors 74F395 Datasheet HTML 4Page - NXP Semiconductors 74F395 Datasheet HTML 5Page - NXP Semiconductors 74F395 Datasheet HTML 6Page - NXP Semiconductors 74F395 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
74F395
4-bit cascadable shift register (3-State)
1990 Oct 23
6
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
VM
1/fMAX
tPHL
tw(L)
Qn, Qs
tw(H)
VM
CP
tPLH
SF00944
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Widths, and Maximum Clock Frequency
VM
VM
VM
tREC
tPHL
MR
CP
Qn, Qs
VM
tw(L)
SF00945
Waveform 2. Master Reset Pulse Width, Master Reset to
Output Delay, and Master Reset to Clock Recovery Time
SF00946
VM
VM
VM
VM
VM
VM
PE
CP
VM
VM
Dn
ts
th
VM
VM
ts
th
ts
th
ts
th
Ds
STABLE
STABLE
Waveform 3. Parallel Enable and
Data Setup Time and Hold Time
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
OE
Qn
SF00343
Waveform 4. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
Qn
OE
SF00344
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Similar Part No. - 74F395

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
74F395AI-RC BOURNS-74F395AI-RC Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
More results

Similar Description - 74F395

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
   4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74HC40104 PHILIPS-74HC40104 Datasheet
62Kb / 8P
   4-bit bidirectional universal shift register; 3-state
December 1990
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
logo
Texas Instruments
SN54LS395A TI-SN54LS395A Datasheet
234Kb / 7P
[Old version datasheet]   4-BIT CASCADABLE SHIFT REFISTERS WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
Toshiba Semiconductor
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Toshiba Semiconductor
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com