Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTD16212DGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBTD16212DGG
Description  24-bit level shifting bus exchange switch WITH 12-BIT OUTPUT ENABIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTD16212DGG Datasheet(HTML) 3 Page - NXP Semiconductors

  CBTD16212DGG Datasheet HTML 1Page - NXP Semiconductors CBTD16212DGG Datasheet HTML 2Page - NXP Semiconductors CBTD16212DGG Datasheet HTML 3Page - NXP Semiconductors CBTD16212DGG Datasheet HTML 4Page - NXP Semiconductors CBTD16212DGG Datasheet HTML 5Page - NXP Semiconductors CBTD16212DGG Datasheet HTML 6Page - NXP Semiconductors CBTD16212DGG Datasheet HTML 7Page - NXP Semiconductors CBTD16212DGG Datasheet HTML 8Page - NXP Semiconductors CBTD16212DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product data
CBTD16212
24-bit level shifting bus exchange switch
with 12-bit output enables
2001 Sep 28
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
21
22
23
24
49
50
51
52
53
54
55
56
25
26
27
28
32
31
30
29
S0
1A1
1A2
2A1
2A2
3A1
3A2
GND
4A1
4A2
5A1
5A2
6A1
6A2
7A1
7A2
VCC
8A1
GND
8A2
9A1
9A2
10A1
10A2
11A1
11A2
12A1
12A2
S1
S2
1B1
1B2
2B1
2B2
3B1
GND
3B2
4B1
4B2
5B1
5B2
6B1
6B2
7B1
7B2
8B1
GND
8B2
9B1
9B2
10B1
10B2
11B1
11B2
12B1
12B2
SA00511
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 56, 55
S0, S1, S2
Data select
2, 4, 6, 9, 11, 13, 15,
18, 21, 23, 25, 27
1A1–12A1
A1 channel
3, 5, 7, 10, 12, 14, 16,
20, 22, 24, 26, 28
1A2–12A2
A2 channel
54, 52, 50, 47, 45, 43,
41, 39, 36, 34, 32, 30
1B1, 12B1
B1 channel
53, 51, 48, 46, 44, 42,
40, 37, 35, 33, 31, 29
1B2, 12B2
B2 channel
8, 19, 38, 49
GND
Ground (0 V)
17
VCC
Positive supply voltage


Similar Part No. - CBTD16212DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD16210 PHILIPS-CBTD16210 Datasheet
82Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Nexperia B.V. All right...
CBTD16210 NEXPERIA-CBTD16210 Datasheet
201Kb / 11P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
NXP Semiconductors
CBTD16210DGG PHILIPS-CBTD16210DGG Datasheet
82Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Nexperia B.V. All right...
CBTD16210DGG NEXPERIA-CBTD16210DGG Datasheet
201Kb / 11P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
NXP Semiconductors
CBTD16210DL PHILIPS-CBTD16210DL Datasheet
82Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
More results

Similar Description - CBTD16212DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBTD16211 NEXPERIA-CBTD16211 Datasheet
201Kb / 11P
   24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
logo
Integrated Circuit Syst...
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBTD16211 PHILIPS-CBTD16211_15 Datasheet
88Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBT16213 PHILIPS-CBT16213 Datasheet
76Kb / 10P
   24-bit bus exchange switch with 12-bit output enables
2001 Jan 19
CBT16212 NXP-CBT16212 Datasheet
81Kb / 12P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
CBT16212 PHILIPS-CBT16212_15 Datasheet
89Kb / 12P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
logo
Nexperia B.V. All right...
CBT16212 NEXPERIA-CBT16212 Datasheet
203Kb / 13P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02 - 3 November 2008
logo
Fairchild Semiconductor
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com