Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F385N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # N74F385N
Description  Quad serial adder/subtractor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F385N Datasheet(HTML) 6 Page - NXP Semiconductors

  N74F385N Datasheet HTML 1Page - NXP Semiconductors N74F385N Datasheet HTML 2Page - NXP Semiconductors N74F385N Datasheet HTML 3Page - NXP Semiconductors N74F385N Datasheet HTML 4Page - NXP Semiconductors N74F385N Datasheet HTML 5Page - NXP Semiconductors N74F385N Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Philips Semiconductors
Product specification
74F385
Quad serial adder/subtractor
1989 Sep 20
6
TEST CIRCUIT AND WAVEFORM
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-Pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC ELECTRICAL CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC ELECTRICAL CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
SF00006


Similar Part No. - N74F385N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F381D PHILIPS-N74F381D Datasheet
82Kb / 7P
   Arithmetic Logic Unit
1989 Mar 01
N74F381N PHILIPS-N74F381N Datasheet
82Kb / 7P
   Arithmetic Logic Unit
1989 Mar 01
N74F382D PHILIPS-N74F382D Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
N74F382N PHILIPS-N74F382N Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
N74F3893A PHILIPS-N74F3893A Datasheet
72Kb / 10P
   Quad futurebus backplane transceiver
1991 Jan 18
More results

Similar Description - N74F385N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H180 ONSEMI-MC10H180 Datasheet
112Kb / 4P
   Dual 2 Bit Adder/Subtractor
March, 2000 ??Rev. 6
logo
NXP Semiconductors
10180 PHILIPS-10180 Datasheet
225Kb / 5P
   Dual 2-Bit Adder/Subtractor
June 14 1990
logo
ON Semiconductor
MC10H180 ONSEMI-MC10H180_06 Datasheet
142Kb / 5P
   Dual 2?묪it Adder/Subtractor
February, 2006 ??Rev. 7
logo
G.M. International
D1052 GMI-D1052 Datasheet
446Kb / 4P
   Analog Signal Converter, Duplicator, Adder/Subtractor DIN-Rail D1052S, D1052D, D1052X, D1052Y
D1072 GMI-D1072 Datasheet
642Kb / 6P
   SIL 2 Temperature Signal Converter, Duplicator, Adder/Subtractor DIN-Rail Models D1072S, D1072D
logo
STMicroelectronics
HCC4560B STMICROELECTRONICS-HCC4560B Datasheet
201Kb / 6P
   NBCD ADDER
logo
Motorola, Inc
MC14560B MOTOROLA-MC14560B Datasheet
310Kb / 13P
   NBCD Adder
logo
Intel Corporation
CF52012 INTEL-CF52012 Datasheet
531Kb / 48P
   Quad-Serial Configuration
logo
Fuji Electric
EDS9-2I FUJI-EDS9-2I Datasheet
207Kb / 3P
   FC SERIES ADDER
logo
Fairchild Semiconductor
74F583 FAIRCHILD-74F583 Datasheet
52Kb / 5P
   4-Bit BCD Adder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com