Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F385N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # N74F385N
Description  Quad serial adder/subtractor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F385N Datasheet(HTML) 4 Page - NXP Semiconductors

  N74F385N Datasheet HTML 1Page - NXP Semiconductors N74F385N Datasheet HTML 2Page - NXP Semiconductors N74F385N Datasheet HTML 3Page - NXP Semiconductors N74F385N Datasheet HTML 4Page - NXP Semiconductors N74F385N Datasheet HTML 5Page - NXP Semiconductors N74F385N Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
74F385
Quad serial adder/subtractor
1989 Sep 20
4
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARMETER
LIMITS
UNIT
SYMBOL
PARMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
Tamb
Operating free-air temperature range
0
70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS1
MIN
TYP2
MAX
VOH
High-level output voltage
VCC = MIN, VIL = MAX,
±10%VCC
2.5
V
VOH
High-level output voltage
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.4
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX,
±10%VCC
0.35
0.50
V
VOL
Low-level output voltage
VIH = MIN, IOL = MAX
±5%VCC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–20
µA
IOS
Short-circuit output current3
VCC = MAX
–60
–150
mA
ICC
Supply current (total)
VCC = MAX
55
80
mA
Notes:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


Similar Part No. - N74F385N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F381D PHILIPS-N74F381D Datasheet
82Kb / 7P
   Arithmetic Logic Unit
1989 Mar 01
N74F381N PHILIPS-N74F381N Datasheet
82Kb / 7P
   Arithmetic Logic Unit
1989 Mar 01
N74F382D PHILIPS-N74F382D Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
N74F382N PHILIPS-N74F382N Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
N74F3893A PHILIPS-N74F3893A Datasheet
72Kb / 10P
   Quad futurebus backplane transceiver
1991 Jan 18
More results

Similar Description - N74F385N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H180 ONSEMI-MC10H180 Datasheet
112Kb / 4P
   Dual 2 Bit Adder/Subtractor
March, 2000 ??Rev. 6
logo
NXP Semiconductors
10180 PHILIPS-10180 Datasheet
225Kb / 5P
   Dual 2-Bit Adder/Subtractor
June 14 1990
logo
ON Semiconductor
MC10H180 ONSEMI-MC10H180_06 Datasheet
142Kb / 5P
   Dual 2?묪it Adder/Subtractor
February, 2006 ??Rev. 7
logo
G.M. International
D1052 GMI-D1052 Datasheet
446Kb / 4P
   Analog Signal Converter, Duplicator, Adder/Subtractor DIN-Rail D1052S, D1052D, D1052X, D1052Y
D1072 GMI-D1072 Datasheet
642Kb / 6P
   SIL 2 Temperature Signal Converter, Duplicator, Adder/Subtractor DIN-Rail Models D1072S, D1072D
logo
STMicroelectronics
HCC4560B STMICROELECTRONICS-HCC4560B Datasheet
201Kb / 6P
   NBCD ADDER
logo
Motorola, Inc
MC14560B MOTOROLA-MC14560B Datasheet
310Kb / 13P
   NBCD Adder
logo
Intel Corporation
CF52012 INTEL-CF52012 Datasheet
531Kb / 48P
   Quad-Serial Configuration
logo
Fuji Electric
EDS9-2I FUJI-EDS9-2I Datasheet
207Kb / 3P
   FC SERIES ADDER
logo
Fairchild Semiconductor
74F583 FAIRCHILD-74F583 Datasheet
52Kb / 5P
   4-Bit BCD Adder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com