Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THN6201S Datasheet(PDF) 1 Page - Tachyonics CO,. LTD

Part # THN6201S
Description  NPN SiGe RF TRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN6201S Datasheet(HTML) 1 Page - Tachyonics CO,. LTD

  THN6201S Datasheet HTML 1Page - Tachyonics CO,. LTD THN6201S Datasheet HTML 2Page - Tachyonics CO,. LTD THN6201S Datasheet HTML 3Page - Tachyonics CO,. LTD THN6201S Datasheet HTML 4Page - Tachyonics CO,. LTD THN6201S Datasheet HTML 5Page - Tachyonics CO,. LTD THN6201S Datasheet HTML 6Page - Tachyonics CO,. LTD THN6201S Datasheet HTML 7Page - Tachyonics CO,. LTD THN6201S Datasheet HTML 8Page - Tachyonics CO,. LTD THN6201S Datasheet HTML 9Page - Tachyonics CO,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
THN6201 series
□ Applications
LNA and wide band amplifier up to GHz range
□ Features
o Low Noise Figure
NF = 1.1 dB Typ. @ f = 1 GHz, VCE = 3 V, IC = 5 mA
NF = 1.5 dB Typ. @ f = 2 GHz, VCE = 3 V, IC = 5 mA
Pin Configuration
o High Power Gain
Pin No
MAG = 18.5 dB Typ. @ f = 1 GHz, VCE = 3 V, IC = 15 mA
1
13 dB Typ. @ f = 2 GHz, VCE = 3 V, IC = 15 mA
2
o High Transition Frequency
3
fT = 12 GHz Typ. @ VCE = 3 V, IC = 15 mA
□ Available Package
Product
□ h
FE Classification
THN6201S
THN6201U
THN6201Z
THN6201E
□ Absolute Maximum Ratings
THN6201KF
Caution : ESD sensitive device
V
2.5
mA
mW
12
Collector
C
SOT623F
V
V
20
Package
Dimension
Description
Emitter
Base
Ratings
E
1.4ⅹ0.8, 0.6t
Unit : mm
2.9ⅹ1.3, 1.2t
SOT323 2.0ⅹ1.25, 1.0t
Symbol
SOT343 2.0ⅹ1.25, 1.0t
SOT523
1.6ⅹ0.8, 0.8t
SOT23
B
Unit
AC1
AC2
Marking
hFE Value 125 to 300
80 to 160
Total Power Dissipation
150
-65 ~ 150
150
Collector Current (DC)
35
TJ
IC
PT
TSTG
Operating Junction Temperature
Storage Temperature
VCEO
VEBO
Collector to Emitter Breakdown Voltage
Emitter to Base Breakdown Voltage
Parameter
Symbol
VCBO
Collector to Base Breakdown Voltage
NPN SiGe RF TRANSISTOR
SOT 523
Unit in mm
www.tachyonics.co.kr
- 1/13 -
Aug.-2005
Rev 2.0


Similar Part No. - THN6201S

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6201S TACHYONICS-THN6201S Datasheet
141Kb / 12P
   NPN Planer RF TRANSISTOR
logo
AUK corp
THN6201S AUK-THN6201S Datasheet
252Kb / 13P
   SiGe NPN Transistor
More results

Similar Description - THN6201S

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6301 TACHYONICS-THN6301 Datasheet
206Kb / 11P
   NPN SiGe RF TRANSISTOR
THN6501 TACHYONICS-THN6501 Datasheet
231Kb / 13P
   NPN SiGe RF TRANSISTOR
THN6601B TACHYONICS-THN6601B Datasheet
280Kb / 7P
   NPN SiGe RF TRANSISTOR
logo
Teledyne Technologies I...
CTS6002 TELEDYNE-CTS6002 Datasheet
165Kb / 3P
   NPN SiGe RF Transistor
logo
Tachyonics CO,. LTD
THN4201 TACHYONICS-THN4201 Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
logo
STMicroelectronics
START620 STMICROELECTRONICS-START620 Datasheet
30Kb / 5P
   NPN SiGe RF Transistor
logo
Tachyonics CO,. LTD
THN5601SF TACHYONICS-THN5601SF Datasheet
324Kb / 11P
   NPN SiGe RF POWER TRANSISTOR
THN6701B TACHYONICS-THN6701B Datasheet
253Kb / 6P
   NPN SiGe RF POWER TRANSISTOR
THN5601B TACHYONICS-THN5601B Datasheet
89Kb / 7P
   NPN SiGe RF POWER TRANSISTOR
THN5602F TACHYONICS-THN5602F Datasheet
280Kb / 6P
   NPN SiGe RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com