Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THN4201KF Datasheet(PDF) 1 Page - Tachyonics CO,. LTD

Part # THN4201KF
Description  NPN SiGe RF TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN4201KF Datasheet(HTML) 1 Page - Tachyonics CO,. LTD

  THN4201KF Datasheet HTML 1Page - Tachyonics CO,. LTD THN4201KF Datasheet HTML 2Page - Tachyonics CO,. LTD THN4201KF Datasheet HTML 3Page - Tachyonics CO,. LTD THN4201KF Datasheet HTML 4Page - Tachyonics CO,. LTD THN4201KF Datasheet HTML 5Page - Tachyonics CO,. LTD THN4201KF Datasheet HTML 6Page - Tachyonics CO,. LTD THN4201KF Datasheet HTML 7Page - Tachyonics CO,. LTD THN4201KF Datasheet HTML 8Page - Tachyonics CO,. LTD THN4201KF Datasheet HTML 9Page - Tachyonics CO,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
THN4201 Series
□ Application
LNA and wide band amplifier up to GHz range
□ Features
o Low Noise Figure
NF = 1.5 dB Typ. @ f = 2 GHz, VCE = 3 V, IC = 5 mA
NF = 1.7 dB Typ. @ f = 2 GHz, VCE = 1 V, IC = 3 mA
Pin Configuration
o High Gain
Pin No
MAG = 10.5 dB Typ. @ f = 2 GHz, VCE = 3 V, IC = 20 mA
1
MAG = 8.5 dB Typ. @ f = 2 GHz, VCE = 1 V, IC = 3 mA
2
o High Transition Frequency
3
fT = 16.5 GHz Typ. @ VCE = 3 V, IC = 20 mA
□ Available Package
Product
□ h
FE Classification
THN4201U
THN4201Z
THN4201E
THN4201KF
□ Absolute Maximum Ratings
Caution : ESD sensitive device
Unit : mm
SOT623F
1.4ⅹ0.8, 0.6t
Dimension
SOT323
SOT343
Package
2.0ⅹ1.25, 1.0t
2.0ⅹ1.25, 1.0t
E
Emitter
C
Collector
Symbol
Description
B
Base
150
mW
2.5
35
150
-65 ~ 150
VCBO
VCEO
VEBO
Ic
PT
TSTG
TJ
Emitter to Base Breakdown Voltage
Collector Current (DC)
Total Power Dissipation
Storage Temperature
Operating Junction Temperature
Symbol
Parameter
Collector to Base Breakdown Voltage
Collector to Emitter Breakdown Voltage
V
V
15
6
Marking
AG1
AG2
hFE
125 to 300 80 to 160
1.6ⅹ0.8, 0.8t
Unit
SOT523
Ratings
V
mA
NPN SiGe RF TRANSISTOR
SOT 523
Unit in mm
www.tachyonics.co.kr
- 1/12 -
March-2006
Rev 1.0


Similar Part No. - THN4201KF

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN4201E AUK-THN4201E Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN4201U AUK-THN4201U Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN4201Z AUK-THN4201Z Datasheet
239Kb / 12P
   SiGe NPN Transistor
More results

Similar Description - THN4201KF

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6301 TACHYONICS-THN6301 Datasheet
206Kb / 11P
   NPN SiGe RF TRANSISTOR
THN6501 TACHYONICS-THN6501 Datasheet
231Kb / 13P
   NPN SiGe RF TRANSISTOR
THN6601B TACHYONICS-THN6601B Datasheet
280Kb / 7P
   NPN SiGe RF TRANSISTOR
THN6201 TACHYONICS-THN6201 Datasheet
251Kb / 13P
   NPN SiGe RF TRANSISTOR
logo
Teledyne Technologies I...
CTS6002 TELEDYNE-CTS6002 Datasheet
165Kb / 3P
   NPN SiGe RF Transistor
logo
STMicroelectronics
START620 STMICROELECTRONICS-START620 Datasheet
30Kb / 5P
   NPN SiGe RF Transistor
logo
Tachyonics CO,. LTD
THN5601SF TACHYONICS-THN5601SF Datasheet
324Kb / 11P
   NPN SiGe RF POWER TRANSISTOR
THN6701B TACHYONICS-THN6701B Datasheet
253Kb / 6P
   NPN SiGe RF POWER TRANSISTOR
THN5601B TACHYONICS-THN5601B Datasheet
89Kb / 7P
   NPN SiGe RF POWER TRANSISTOR
THN5602F TACHYONICS-THN5602F Datasheet
280Kb / 6P
   NPN SiGe RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com