Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

296XC252C3B Datasheet(PDF) 2 Page - CTS Corporation

Part # 296XC252C3B
Description  Commercial 12mm Diameter Composition Variable Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

296XC252C3B Datasheet(HTML) 2 Page - CTS Corporation

  296XC252C3B Datasheet HTML 1Page - CTS Corporation 296XC252C3B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
TERMINAL STYLE
X –PC
U – PC FORMED
TO REAR
H – HOOK
SHAFTS AVAILABLE
(ALL SHAFTS .236" [6MM] DIAMETER/EXCEPT E - DIAMETER IS .240" [6.1MM])
LENGTH BEYOND
INCH
MM
COVER
TRIM
COVER
TRIM
A –
.640"
FLATTED .472" X .177"
A – 16.3MM
FLATTED 12X4.5MM
B –
.840"
FLATTED .472" X .177"
B – 21.3MM
FLATTED 12X4.5MM
C – 1.031"
FLATTED .472" X .177"
C – 26.2MM
FLATTED 12X4.5MM
D –
.540"
KNURLED .287" X .236"
D – 13.7MM
KNURLED 7.3MMX18T
E –
265”
FLATTED .218” x .204”
E –
6.7MM
FLATTED 5.5 x 5.2MM
Order From:
CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514
North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240
http://www.ctscorp.com
CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20
Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China
(07) 8216145 / FAX: (07) 8417642.8110040
2.5M-6-99
I
Ordering Information
XM 296RE
Molded Shaft, Control Shaft Parallel to P.C. Board
UM 296RE
Molded Shaft, Control Shaft Vertical to P.C. Board
296
X
B
252
B
2
N
DIMENSION:
MM
INCH
DIMENSION:
MM
INCH
TAPER
1 – LINEAR
2 – 10% AUD
3 – 10% CCW AUD
DETENT
N – NO DETENT
C – CENTER DETENT
RESISTANCE CODE
EXAMPLES
CODE
RESISTANCE
501
500 OHMS
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
H Terminal Type
X Terminal Type


Similar Part No. - 296XC252C3B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
296XC252C3C CTS-296XC252C3C Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
296XC252C3N CTS-296XC252C3N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
More results

Similar Description - 296XC252C3B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
   Carbon Composition Resistors
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
   Carbon Composition Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com