Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT7822AM Datasheet(PDF) 1 Page - Weitron Technology

Part # WT7822AM
Description  Surface Mount N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT7822AM Datasheet(HTML) 1 Page - Weitron Technology

  WT7822AM Datasheet HTML 1Page - Weitron Technology WT7822AM Datasheet HTML 2Page - Weitron Technology WT7822AM Datasheet HTML 3Page - Weitron Technology WT7822AM Datasheet HTML 4Page - Weitron Technology WT7822AM Datasheet HTML 5Page - Weitron Technology WT7822AM Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WT7822AM
Rating
Symbol
Value
Unite
VDS
VGS
ID
IDM
PD
R θJA
Operating Junction and Storage
Temperature Range
TJ,Tstg
IS
-55 to 150
C
A
V
V
A
A
W
C/W
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current (T =125 C)
Pulsed Drain Current
Drain-Source Diode Forward Current
Power Dissipation
Maximax Junction-to-Ambient
Maximum Ratings (TA=25 C Unless Otherwise Specified)
Device Marking
WT7822AM=STM7822A
Surface Mount N-Channel
SO-8
DRAIN CURRENT
14 AMPERES
DRAIN SOURCE VOLTAGE
25 VOLTAGE
1
Features:
*Super high dense cell design for low RDS(ON)
*Rugged and Reliable
*SO-8 Package
R
<7 m
Ω@VGS=10V
25
VSpike4
V
Drain-Source Voltage Rating
30
16
14
56
2.5
14
50
-
+
Enhancement Mode MOSFET
DS(ON)
R
<9 m
Ω@VGS=4.5V
DS(ON)
J
(2)
(1)
(1)
(1)
(1)
1/6
02-Aug-05
Lead(Pb)-Free
P b


Similar Part No. - WT7822AM

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT78L05 WEITRON-WT78L05 Datasheet
935Kb / 7P
   Positive Voltage Regulator
WT78L05 WEITRON-WT78L05 Datasheet
900Kb / 7P
   Positive Voltage Regulator
WT78L05G WEITRON-WT78L05G Datasheet
1Mb / 10P
   Positive Voltage Regulator
WT78L05K WEITRON-WT78L05K Datasheet
1Mb / 10P
   Positive Voltage Regulator
WT78L05M WEITRON-WT78L05M Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results

Similar Description - WT7822AM

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2300 WEITRON-WT2300 Datasheet
158Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT4410M WEITRON-WT4410M Datasheet
458Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT6920AM WEITRON-WT6920AM Datasheet
239Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK9410 WEITRON-WTK9410 Datasheet
903Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK4424 WEITRON-WTK4424 Datasheet
382Kb / 5P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT2306 WEITRON-WT2306 Datasheet
171Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT3402 WEITRON-WT3402 Datasheet
173Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
logo
Central Semiconductor C...
CMPDM7002A CENTRAL-CMPDM7002A Datasheet
100Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SURFACE MOUNT MOSFET
logo
Weitron Technology
WT4884AM WEITRON-WT4884AM Datasheet
260Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK6680 WEITRON-WTK6680 Datasheet
688Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com