Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F374N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # N74F374N
Description  Octal transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F374N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button N74F374N Datasheet HTML 2Page - NXP Semiconductors N74F374N Datasheet HTML 3Page - NXP Semiconductors N74F374N Datasheet HTML 4Page - NXP Semiconductors N74F374N Datasheet HTML 5Page - NXP Semiconductors N74F374N Datasheet HTML 6Page - NXP Semiconductors N74F374N Datasheet HTML 7Page - NXP Semiconductors N74F374N Datasheet HTML 8Page - NXP Semiconductors N74F374N Datasheet HTML 9Page - NXP Semiconductors N74F374N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74F373/74F374
Latch/flip-flop
December 5, 1994
6
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS1
MIN
TYP2
MAX
UNIT
V
High level output voltage
VCC = MIN, VIL = MAX,
±10%VCC
2.4
V
VOH
High-level output voltage
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.4
V
VO
Low level output voltage
VCC = MIN, VIL = MAX,
±10%VCC
0.35
0.50
V
VOL
Low-level output voltage
VIH = MIN, IOL = MAX
±5%VCC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
-0.73
-1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
-0.6
mA
IOZH
Off-state output current, high-level voltage applied
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off-state output current, low-level voltage applied
VCC = MAX, VO = 0.5V
-50
µA
IOS
Short-circuit output current3
VCC = MAX
-60
-150
mA
ICC
Supply current (total)
74F373
VCC = MAX
35
60
mA
ICC
Supply current (total)
74F374
VCC = MAX
57
86
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dn to Qn
Waveform 3
3.0
2.0
5.3
3.7
7.0
5.0
3.0
2.0
8.0
6.0
ns
tPLH
tPHL
Propagation delay
E to Qn
74F373
Waveform 2
5.0
3.0
9.0
4.0
11.5
7.0
5.0
3.0
12.0
8.0
ns
tPZH
tPZL
Output enable time
to high or low level
Waveform 6
Waveform 7
2.0
2.0
5.0
5.6
11.0
7.5
2.0
2.0
11.5
8.5
ns
tPHZ
tPLZ
Output disable time
from high or low level
Waveform 6
Waveform 7
2.0
2.0
4.5
3.8
6.5
5.0
2.0
2.0
7.0
6.0
ns
fmax
Maximum clock frequency
Waveform 1
150
165
140
ns
tPLH
tPHL
Propagation delay
CP to Qn
74F374
Waveform 1
3.5
3.5
5.0
5.0
7.5
7.5
3.0
3.0
8.5
8.5
ns
tPZH
tPZL
Output enable time
to high or low level
Waveform 6
Waveform 7
2.0
2.0
9.0
5.3
11.0
7.5
2.0
2.0
12.0
8.5
ns
tPHZ
tPLZ
Output disable time
from high or low level
Waveform 6
Waveform 7
2.0
2.0
5.3
4.3
6.0
5.5
2.0
2.0
7.0
6.5
ns


Similar Part No. - N74F374N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
N74F374N NEXPERIA-N74F374N Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
More results

Similar Description - N74F374N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal transparent Latch, 3-state
logo
NXP Semiconductors
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
logo
Texas Instruments
CD74ACT373M TI1-CD74ACT373M Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC563 TI-CD54-74AC563 Datasheet
240Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC373 TI-CD54-74AC373 Datasheet
233Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
logo
NXP Semiconductors
74F573 PHILIPS-74F573 Datasheet
107Kb / 14P
   Octal transparent latch 3-State
1989 Oct 16
logo
Integral Corp.
IN74AC573 INTEGRAL-IN74AC573 Datasheet
218Kb / 5P
   Octal 3-State Noninverting Transparent Latch
logo
KODENSHI_AUK CORP.
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
IK Semicon Co., Ltd
IN74HCT373A IKSEMICON-IN74HCT373A Datasheet
243Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
Integral Corp.
IN74ACT373 INTEGRAL-IN74ACT373 Datasheet
230Kb / 5P
   OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com