Electronic Components Datasheet Search |
|
270V224R501B1A1 Datasheet(PDF) 6 Page - CTS Corporation |
|
270V224R501B1A1 Datasheet(HTML) 6 Page - CTS Corporation |
6 / 6 page MOUNTING STYLE BUSHING LENGTH: 1/8" (3.2MM) INCREMENTS EXAMPLES: 2 – .250" (6.35MM) 3 – .375" (9.5MM) 8 – 1.000" (25.4MM) 1 – TWIST TAB MOUNT BUSHING MOUNT SUPPLIED WITH LOCATING LUG LEFT SIDE TERMINALS DOWN SHAFT LENGTH From Mounting Surface 1/32" (0.8mm) Increments Examples: Metal Shafts 20 – .625" (15.9MM) 24 – .750" (19.1MM) 28 – .875" (22.2MM) 32 – 1.000" (25.4MM) Moulded Shafts Limited Lengths Available, See Shaft Trim selection 16 – Shaft U,.500" (12.7MM) 28 – Shaft V,.875" (22.2MM) 32 – Shaft W,.1.0" (25MM) TERMINAL STYLE T – SOLDER LUG X – PC* U – FORMED TO FRONT V – FORMED TO REAR W– FORMED TO REAR Order From: CTS CORPORATION, RESISTOR/ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514 North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240 http://www.ctscorp.com CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20 Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China (07) 8216145 / FAX: (07) 8417642.8110040 03/00 I Ordering Information 270/275 T 2 20 R 103 B 1 A 1 RESIST TOL A – ±10% B – ±20% C – ±30% SWITCH TYPE A – NONE B – SPST ROTARY SHAFT TRIM A – .125" DIAM. ROUND BRASS B – .125" DIAM. FLAT BRASS C – .125" DIAM. SD SLOT BRASS R – .156" DIAM. ROUND BRASS F – .156" DIAM. FLAT BRASS S – .156" DIAM. SD SLOT BRASS G – .187" DIAM. ROUND BRASS H – .187" DIAM. FLAT BRASS J – .187" DIAM. SD SLOT BRASS X – .236" DIAM. ROUND BRASS L – .236" DIAM. FLAT BRASS M – .236" DIAM. SD SLOT BRASS N – .236" DIAM. SK BRASS P – .250" DIAM. ROUND BRASS D – .250" DIAM. FLAT BRASS E – .250" DIAM. SD SLOT BRASS T – .250" DIAM. SK BRASS U – .187" DIAM. .500" FMS SK MOLDED V – .187" DIAM. .875" FMS FLAT MOLDED W– .236" DIAM. .984" FMS FLATTED (.472" X .177") MOLDED K – .236" DIAM. .500" FMS SK MOLDED (SWITCH ONLY) TAPER 1 – LINEAR 2 – 10% AUD 3 – 10% CCW AUD SPECIALS 1 – NONE 2 – 50% DETENT 4 – LOCATING LUG FOR RIGHT SIDE 5 – NO LOCATING LUG RESISTANCE CODE EXAMPLES CODE RESISTANCE 501 500 OHMS 102 1K 252 2.5K 502 5K 103 10K 253 25K 503 50K 104 100K *BX construction and terminal length supplied unless otherwise specified DIMENSION: MM INCH T057-C2-270 Solder Lug Terminal SPST Switch, Solder Lug Terminals, Concentric Metal Shafts, Bushing Mount NOTES: 275 series available in “X” and “U” style PC Terminals only. .125” dia. & .156” dia. shaft thickness is .109”. .187” dia. shaft flat thickness is .156”. .236” dia. shaft flat thickness is .177”. .250” dia. shaft flat thickness is .156”. |
Similar Part No. - 270V224R501B1A1 |
|
Similar Description - 270V224R501B1A1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |