Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2M Datasheet(PDF) 1 Page - Weitron Technology

Part # S2M
Description  Surface Mount Standard Recovery Glass Passivated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

S2M Datasheet(HTML) 1 Page - Weitron Technology

  S2M Datasheet HTML 1Page - Weitron Technology S2M Datasheet HTML 2Page - Weitron Technology S2M Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*For Surface Mount Application
*Glass Passivated Chip
*Low Reverse Leakage Current
*Low Forward Voltage Drop And High Current Capability
*Plastic Meterial Has UL Flammability Classification 94V-0
*Case : Molded Plastic
*Polarity :Indicated by cathode band
*Weight : 0.003 Ounce ,0.093 grams
REVERSE VOLTAGE
50 TO 1000 VOLTS
FORWARD CURRENT
2.0 AMPERE
http://www.weitron.com.tw
S2A thru S2M
Surface Mount Standard Recovery
Features:
SMB Outline Dimensions
WEITRON
Mechanical Data
Glass Passivated
SMB(DO-214AA)
SMB
3.30
3.94
4.06
4.80
1.96
2.21
0.15
0.31
5.00
5.59
0.10
0.20
0.76
1.52
2.00
2.62
Dim
Min
Max
A
B
C
D
E
G
H
J


Similar Part No. - S2M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2M PANJIT-S2M Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
DONGGUAN YOU FENG WEI E...
S2M YFWDIODE-S2M Datasheet
103Kb / 2P
   Surface Mount Standard Rectifiers
logo
Semikron International
S2M SEMIKRON-S2M Datasheet
119Kb / 2P
   Standard silicon rectifier diodes
logo
Relpol S.A.
S2M RELPOL-S2M Datasheet
10Mb / 20P
   Plug-in sockets and accessories
logo
Micro Commercial Compon...
S2M MCC-S2M Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S2M

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
S1A WEITRON-S1A Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
S1AB WEITRON-S1AB Datasheet
116Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
FM4001MH WEITRON-FM4001MH Datasheet
189Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
SM4001 WEITRON-SM4001 Datasheet
281Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M_09 Datasheet
279Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
SFM11MH WEITRON-SFM11MH Datasheet
730Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
logo
GOOD-ARK Electronics
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
SGA1J GOOD-ARK-SGA1J Datasheet
391Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
Vishay Siliconix
S1BA VISHAY-S1BA Datasheet
86Kb / 4P
   Standard Surface Mount Glass Passivated Rectifier
Revision: 14-Jan-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com