Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1DB Datasheet(PDF) 2 Page - Weitron Technology

Part # S1DB
Description  Surface Mount Standard Recovery Glass Passivated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

S1DB Datasheet(HTML) 2 Page - Weitron Technology

  S1DB Datasheet HTML 1Page - Weitron Technology S1DB Datasheet HTML 2Page - Weitron Technology S1DB Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @TC=100 C
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 1.0A DC
Maximum DC Reverse Current @Tj=25 C
At Rated DC Blocking Voltage @Tj=125 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
V
V
V
A
A
V
uA
C
C
Rating 25 C Ambient Temperature Unless Otherwise Specified.
Single Phase Half Wave, 60Hz , Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
C
JL
T
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
-65 to+150
-65 to+150
F
C/W
1.Measured at 1.0MHz applied reverse voltage of 4.0V DC.
2.Thermal Resistance Junction to case.
5.0
100
10
30
http://www.weitron.com.tw
WEITRON
J
J
S1AB thru S1MB
S1AB S1BB S1DB S1GB S1JB
P
R
NOTES:
S1KB
800
560
800
S1MB
1000
700
1000
1.0
30
1.10


Similar Part No. - S1DB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S1DB SSE-S1DB Datasheet
18Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
S1DB TSC-S1DB Datasheet
252Kb / 4P
   1.0AMP Surface Mount Rectifiers
logo
Diodes Incorporated
S1DB DIODES-S1DB Datasheet
54Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
Taiwan Memory Technolog...
S1DB TMT-S1DB Datasheet
189Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S1DB TSC-S1DB Datasheet
54Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
More results

Similar Description - S1DB

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
S2A WEITRON-S2A Datasheet
271Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
S1A WEITRON-S1A Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
FM4001MH WEITRON-FM4001MH Datasheet
189Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
SM4001 WEITRON-SM4001 Datasheet
281Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M_09 Datasheet
279Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
SFM11MH WEITRON-SFM11MH Datasheet
730Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
logo
GOOD-ARK Electronics
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
SGA1J GOOD-ARK-SGA1J Datasheet
391Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
Vishay Siliconix
S1BA VISHAY-S1BA Datasheet
86Kb / 4P
   Standard Surface Mount Glass Passivated Rectifier
Revision: 14-Jan-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com