Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M68701 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M68701
Description  SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM PORTABLE RADIO
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M68701 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM PORTABLE RADIO
M68701
MITSUBISHI RF POWER MODULE
Nov. ´97
OUTPUT POWER, TOTAL EFFICIENCY
VS. INPUT POWER
INPUT POWER Pin (dBm)
1000
100
10
1
-20
100.0
10.0
1.0
0.1
-30
10
-15 -10
-5
0
5
-25
OUTPUT POWER, TOTAL EFFICIENCY
VS. INPUT POWER
INPUT POWER Pin (dBm)
1000
100
10
1
-20
100.0
10.0
1.0
0.1
-30
10
-15 -10
-5
0
5
-25
PO
TYPICAL PERFORMANCE DATA
OUTPUT POWER, INPUT VSWR,
TOTAL EFFICIENCY VS. FREQUENCY
FREQUENCY f (MHz)
100
80
40
0
790 800
820 830 840 850
880
ηT
PO
ρin
60
20
10
8
6
4
2
0
860
810
870
VDD=12.5V
VGG=5V
Pin=1mW
ZG=ZL=50
70
30
50
10
90
7
5
3
1
9
OUTPUT POWER, TOTAL EFFICIENCY
VS. GATE SUPPLY VOLTAGE
GATE SUPPLY VOLTAGE VGG (V)
100
70
30
0
3.0
3.2
3.6
4.0
4.4
5.0
50
10
10
7
5
3
1
0
ηT
PO
90
9
3.4
3.8
4.2
4.8
6
4
2
8
60
20
40
80
4.6
f=820MHz
VDD=12.5V
Pin=1mW
ZG=ZL=50
OUTPUT POWER, TOTAL EFFICIENCY
VS. GATE SUPPLY VOLTAGE
GATE SUPPLY VOLTAGE VGG (V)
100
70
30
0
3.0
3.2
3.6
4.0
4.4
5.0
50
10
10
7
5
3
1
0
ηT
PO
90
9
3.4
3.8
4.2
4.8
6
4
2
8
60
20
40
80
4.6
OUTPUT POWER, TOTAL EFFICIENCY
VS. DRAIN SUPPLY VOLTAGE
DRAIN SUPPLY VOLTAGE VDD (V)
90
70
30
0
4
6
18
50
10
18
12
8
4
0
ηT
PO
16
8
10
12
16
10
6
2
14
60
20
40
80
14
f=851MHz
VDD=12.5V
Pin=1mW
ZG=ZL=50
f=820MHz
VGG=5V
Pin=1mW
ZG=ZL=50
f=820MHz
VDD=12.5V
VGG=5V
ZG=ZL=50
ηT
f=851MHz
VDD=12.5V
VGG=5V
PO
ηT


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn